Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 37Page - Texas Instruments DLPC3421 Datasheet HTML 38Page - Texas Instruments DLPC3421 Datasheet HTML 39Page - Texas Instruments DLPC3421 Datasheet HTML 40Page - Texas Instruments DLPC3421 Datasheet HTML 41Page - Texas Instruments DLPC3421 Datasheet HTML 42Page - Texas Instruments DLPC3421 Datasheet HTML 43Page - Texas Instruments DLPC3421 Datasheet HTML 44Page - Texas Instruments DLPC3421 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
8.2.1 Design Requirements
A pico projector can be created by using the DLP chipset that includes the DLP160CP (0.16 nHD) DMD,
the DLPC34xx controller, and the DLPAxxxx PMIC/LED driver. The DLPC34xx controller processes the digital
images, the DLPAxxxx PMIC provides the analog functions for the chipset, and the DMD displays the image for
projection.
In addition to the three DLP devices in the chipset, other components may be needed. At a minimum, a flash
device is needed to store the firmware that controls the DLPC34xx controller.
The illumination light that is applied to the DMD is typically from red, green, and blue LEDs. These LEDs are
often contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico projector.
To receive images, connect the DLPC34xx controller to the host processor using the parallel (or potentially DSI)
interface. To send commands to the controller, connect it to the host processor using the I2C interface.
The only required power supplies that are external to the projector system chipset are the battery (SYSPWR)
and possibly a regulated 1.8-V supply (some TI PMICs generate the 1.8-V supply but the DLPA200x does not).
The entire projector chipset can be turned on and off by using a single signal called PROJ_ON. When
PROJ_ON is high, the chipset turns on and can begin displaying images. When PROJ_ON is set low, the
projector chipset turns off and draws just microamps of current on SYSPWR. If 1.8 V is supplied separately from
the PMIC (as is the case with the DLPA200x), when PROJ_ON is set low, the 1.8-V supply can continue to be
left at 1.8 V and used by other non-projector sections of the product.
8.2.2 Detailed Design Procedure
For connecting the DLP160CP (0.16 nHD) DMD, DLPC34xx controller, and DLPAxxxx PMIC, see the reference
design schematic and board layout TIDA-080002. When a circuit board layout is created from this schematic, a
small circuit board is possible. Follow the layout guidelines to design a reliable projector.
It is typical for an optical engine manufacturer to supply the optical engine that includes the LED packages
and a mounted DMD. These manufacturers specialize in designing optics for DLP projectors. There exists
production-ready optical modules, optical module manufacturers, and design houses.
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased,
the brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is shown in Figure 8-2. For the LED currents shown, it is assumed
that the same current amplitude is applied to the red, green, and blue LEDs. The shape of the curve depends on
the LED devices used as well as the LED system-level heat sink implementation.
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
Figure 8-2. Typical Luminance vs Current
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com