Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 36Page - Texas Instruments DLPC3421 Datasheet HTML 37Page - Texas Instruments DLPC3421 Datasheet HTML 38Page - Texas Instruments DLPC3421 Datasheet HTML 39Page - Texas Instruments DLPC3421 Datasheet HTML 40Page - Texas Instruments DLPC3421 Datasheet HTML 41Page - Texas Instruments DLPC3421 Datasheet HTML 42Page - Texas Instruments DLPC3421 Datasheet HTML 43Page - Texas Instruments DLPC3421 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The DLPC34xx controller is used with the DLP160CP DMD to provide a reliable display solution for many data
and video display applications. The DMDs are spatial light modulators which reflect incoming light from an
illumination source to one of two directions, with the primary direction being into projection or collection optics.
The optical architecture of the system and the format of the image digital data coming into the DLPC34xx are
what primarily determine the application requirements.
Click these links to find more information about typical applications:
Mobile projector, Smart display, Smartphone, Tablet (multimedia), Augmented reality glasses, Smart home
display, or Pico projector.
8.2 Typical Application
A common application when using the DLPC34xx controller with the DLP160CP DMD and the DLPAxxxx
PMIC/LED driver is to create a pico projector embedded in a handheld product. For example, a pico projector
may be embedded in a smartphone, a tablet, or a camera. The controller in the pico projector embedded module
typically receives images from a host processor within the product.
Illumination
optics
DLPC34xx
DMD
DLPA200x
TI DLP Chipset
Non-TI Device
VBIAS, VOFFSET,
VRESET
SYSPWR
Sub-LVDS DATA
PROJ_ON
HOST_IRQ
I
2
C
Flash
Parallel Interface (28)
DSI (10)
VLED
CTRL
RLIM
1.8 V external
1.8 V
PROJ_ON
VCC_18
VCC_INTF
VCC_FLSH
VDD
SPI (4)
SPI (4)
INTZ
Thermistor
VDDLP12
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
GPIO_10
CMP_OUT
1.8 V
1.1 V
Video
Front End
System
Controller
HDMI
Keypad
DC
Supplies
VSPI
1.8 V
1.1 Reg
1.1 V
L3
L2
L1
LED_SEL (2)
RC_
CHARGE
1.8 V
Figure 8-1. Typical Simplified Application Schematic (using DLPA200x)
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com