Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 3Page - Texas Instruments DLPC3421 Datasheet HTML 4Page - Texas Instruments DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments DLPC3421 Datasheet HTML 10Page - Texas Instruments DLPC3421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Table 5-6. Peripheral Interface (continued)
PIN(1)
I/O
TYPE(2)
DESCRIPTION
NAME
NO.
LED_SEL_0
B15
O
1
LED enable select. Automatically controlled by the DLPC34xx programmable DMD sequence.
LED_SEL(1:0)
00
01
10
11
Enabled LED
None
Red
Green
Blue
LED_SEL_1
B14
O
1
The controller drives these signals low when RESETZ is asserted and the corresponding I/O power is supplied. The
controller continues to drive these signals low throughout the auto-initialization process. A weak, external pulldown
resistor is recommended to ensure that the LEDs are disabled when I/O power is not applied.
SPI0_CLK
A13
O
13
SPI (Serial Peripheral Interface) port 0, clock. This pin is typically connected to the flash memory clock.
SPI0_CSZ0
A14
O
13
SPI port 0, chip select 0 (active low output). This pin is typically connected to the flash memory chip select.
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during controller reset
assertion.
SPI0_CSZ1
C12
O
13
SPI port 0, chip select 1 (active low output). This pin typically remains unused.
TI recommends an external pullup resistor to avoid floating inputs to the external SPI device during controller reset
assertion.
SPI0_DIN
B12
I
12
Synchronous serial port 0, receive data in. This pin is typically connected to the flash memory data out.
SPI0_DOUT
B13
O
13
Synchronous serial port 0, transmit data out. This pin is typically connected to the flash memory data in.
(1)
External pullup resistor must be 8 kΩ or less.
(2)
See Table 5-11 for type definitions.
(3)
For more information about usage, see Section 7.3.2.
(4)
When VCC_INTF is powered and VDD is not powered, the controller may drive the IIC0_xxx pins low which prevents communication
on this I2C bus. Do not power up the VCC_INTF pin before powering up the VDD pin for any system that has additional secondary
devices on this bus.
Table 5-7. GPIO Peripheral Interface
PIN(1)
I/O
TYPE(3)
DESCRIPTION(2)
NAME
NO.
GPIO_19
M15
I/O
1
General purpose I/O 19 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_18
M14
I/O
1
General purpose I/O 18 (hysteresis buffer). Options:
1.
Optional GPIO. If unused TI recommends this pin be configured as a logic zero GPIO output and
left unconnected. Otherwise this pin requires an external pullup or pulldown to avoid a floating
GPIO input.
2.
MTR_SENSE, Motor Sense (Input): For focus motor control applications, this GPIO must be
configured as an input to the DLPC34xx and supplied from the focus motor position sensor.
GPIO_17
L15
I/O
1
General purpose I/O 17 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_16
L14
I/O
1
General purpose I/O 16 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_15
K15
I/O
1
General purpose I/O 15 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_14
K14
I/O
1
General purpose I/O 14 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_13
J15
I/O
1
General purpose I/O 13 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
GPIO_12
J14
I/O
1
General purpose I/O 12 (hysteresis buffer). Optional GPIO. If unused TI recommends this pin be
configured as a logic zero GPIO output and left unconnected. Otherwise this pin requires an external
pullup or pulldown to avoid a floating GPIO input.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com