Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC3421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC3421 Datasheet HTML 1Page - Texas Instruments DLPC3421 Datasheet HTML 2Page - Texas Instruments DLPC3421 Datasheet HTML 3Page - Texas Instruments DLPC3421 Datasheet HTML 4Page - Texas Instruments DLPC3421 Datasheet HTML 5Page - Texas Instruments DLPC3421 Datasheet HTML 6Page - Texas Instruments DLPC3421 Datasheet HTML 7Page - Texas Instruments DLPC3421 Datasheet HTML 8Page - Texas Instruments DLPC3421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Table 5-2. Parallel Port Input (continued)
PIN(1) (2)
I/O
TYPE(4)
DESCRIPTION
NAME
NO.
PARALLEL RGB MODE
BT656 INTERFACE MODE
(TYPICAL RGB 888)
PDATA_0
PDATA_1
PDATA_2
PDATA_3
PDATA_4
PDATA_5
PDATA_6
PDATA_7
K2
K1
L2
L1
M2
M1
N2
N1
I
11
Blue (bit weight 1)
Blue (bit weight 2)
Blue (bit weight 4)
Blue (bit weight 8)
Blue (bit weight 16)
Blue (bit weight 32)
Blue (bit weight 64)
Blue (bit weight 128)
BT656_Data (0)
BT656_Data (1)
BT656_Data (2)
BT656_Data (3)
BT656_Data (4)
BT656_Data (5)
BT656_Data (6)
BT656_Data (7)
(TYPICAL RGB 888)
PDATA_8
PDATA_9
PDATA_10
PDATA_11
PDATA_12
PDATA_13
PDATA_14
PDATA_15
R1
R2
R3
P4
R4
P5
R5
P6
I
11
Green (bit weight 1)
Green (bit weight 2)
Green (bit weight 4)
Green (bit weight 8)
Green (bit weight 16)
Green (bit weight 32)
Green (bit weight 64)
Green (bit weight 128)
Unused
(TYPICAL RGB 888)
PDATA_16
PDATA_17
PDATA_18
PDATA_19
PDATA_20
PDATA_21
PDATA_22
PDATA_23
R6
P7
R7
P8
R8
P9
R9
P10
I
11
Red (bit weight 1)
Red (bit weight 2)
Red (bit weight 4)
Red (bit weight 8)
Red (bit weight 16)
Red (bit weight 32)
Red (bit weight 64)
Red (bit weight 128)
Unused
3DR
N6
I
11
3D reference
•
For 3D applications: left or right 3D reference (left = 1, right = 0). To be
provided by the host. Must transition in the middle of each frame (no
closer than 1 ms to the active edge of VSYNC).
•
If a 3D application is not used, pull this input low through an external
resistor.
(1)
PDATA(23:0) bus mapping depends on pixel format and source mode. See later sections for details.
(2)
Connect unused inputs to ground or pulldown to ground through an external resistor (8 kΩ or less).
(3)
VSYNC and HSYNC polarity can be adjusted by software.
(4)
See Table 5-11 for type definitions.
Table 5-3. DSI Input Data and Clock
PIN
I/O
TYPE(2)
DESCRIPTION
NAME
NO.
DCLKN
DCLKP
E2
E1
I/O
10
DSI LVDS differential clock for DSI interface.
DD0N
DD0P
DD1N
DD1P
DD2N
DD2P
DD3N
DD3P
G2
G1
F2
F1
D2
D1
C2
C1
I/O
10
Differential data bus for DSI data lane LVDS differential pair inputs 0
through 3.
(support a maximum of 4 input DSI lanes)(1)
RREF
F3
—
DSI reference resistor. RREF is an analog signal that requires a fixed
precision 30-kΩ ±1% resistor connected from this pin to ground when DSI
is used. If DSI is NOT used, leave this pin unconnected and floating.
(1)
Differential data bus 0 (DD0x) is required for DSI operation. The remaining three data lanes are optional and only needed depending
on the implementation and required video bandwidth. Leave any unused DSI LVDS pairs unconnected and floating.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com