Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 12Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 13Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 14Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 15Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 16Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 17Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
16
5.3
ESD Protection
5.4
DC Electrical Specifications
Table 6. ESD Protection Characteristics1, 2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive
Grade Integrated Circuits.
2 A device is defined as a failure if after exposure to ESD pulses the device no longer meets
the device specification requirements. Complete DC parametric and functional testing is
performed per applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Characteristics
Symbol
Value
Units
ESD Target for Human Body Model
HBM
2000
V
Table 7. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Core Supply Voltage
IVDD
1.4
1.6
V
PLL Supply Voltage
PLLVDD
1.4
1.6
V
CMOS Pad Supply Voltage
EVDD
3.0
3.6
V
SDRAM and FlexBus Supply Voltage
Mobile DDR/Bus Pad Supply Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVDD
1.70
2.25
3.0
1.95
2.75
3.6
V
USB Supply Voltage
USBVDD
3.0
3.6
V
CMOS Input High Voltage
EVIH
2EVDD +0.3
V
CMOS Input Low Voltage
EVIL
VSS – 0.3
0.8
V
CMOS Output High Voltage
IOH = –5.0 mA
EVOH
EVDD – 0.4
—
V
CMOS Output Low Voltage
IOL = 5.0 mA
EVOL
—0.4
V
SDRAM and FlexBus Input High Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVIH
1.35
1.7
2
SDVDD + 0.3
SDVDD + 0.3
SDVDD + 0.3
V
SDRAM and FlexBus Input Low Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVIL
VSS – 0.3
VSS – 0.3
VSS – 0.3
0.45
0.8
0.8
V
SDRAM and FlexBus Output High Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
IOH = –5.0 mA for all modes
SDVOH
SDVDD –0.35
2.1
2.4
—
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com