Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 38Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 39Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 40Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 41Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 42Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 43Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 44Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 45Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 46Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Revision History
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
43
8
Revision History
Table 28. MCF5373DS Document Revision History
Rev. No.
Substantive Changes
Date of Release
0
• Initial release
11/2005
0.1
• Swapped pin locations PLL_VSS (J11->H11) and DRAMSEL
(H11->J11) in Table 1. Figure 4 is correct.
12/2005
0.2
• Added not to Section 7, “Package Information.”
• Added “top view” and “bottom view” where appropriate in mechanical
drawings and pinout figures.
• Figure 6: Corrected “FB_CLK (75MHz)” label to “FB_CLK (80MHz)”
3/2006
0.3
• Changed 160QFP pinouts in Figure 5 and Table 2: Removed IRQ3
pin, shifted pins 89–99 up one pin to 90–100. Pin 89 is now VSS.
• Table 2: Rearranged GPIO signal names for FEC pins.
• Removed ULPI specifications as the device does not support ULPI.
4/2006
1
• Updated thermal characteristic values in Table 7.
• Updated DC electricals values in Table 7.
• Updated Section 3.3, “Supply Voltage Sequencing and Separation
Cautions” and subsections.
• Updated and added Oscillator/PLL characteristics in Table 8.
• Table 9: Swapped min/max for FB1; Removed FB8 & FB9.
• Updated SDRAM write timing diagram, Figure 9.
• Table 11: Added values for frequency of operation and DD1.
• Replaced figure & table Section 5.11, “SSI Timing Specifications,”
with slave & master mode versions.
• Removed second sentence from Section 5.13.2, “MII Transmit Signal
Timing,” regarding no minimum frequency requirement for TXCLK.
• Removed third and fourth paragraphs from Section 5.13.2, “MII
Transmit Signal Timing,” as this feature is not supported on this
device.
• Updated figure & table Section 5.17, “Debug AC Timing
Specifications.”
• Renamed & moved previous version’s Section 5.5 “Power
Consumption” to Section 6, “Current Consumption.” Added additional
real-world data to this section as well.
7/2007
2
• Added MCF53721 device information throughout: features list, family
configuration table, ordering information table, signals description
table, and relevant package diagram titles
• Remove Footnote 1 from Table 11.
• Changed document type from Advance Information to Technical Data.
8/2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com