Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 8Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 9Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 10Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 11Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 12Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 13Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 14Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 15Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Pin Assignments and Reset States
Freescale Semiconductor
12
4.2
Pinout—196 MAPBGA
The pinout for the MCF5373LCVM240, MCF5372LCVM240, and MCF53721CVM240 packages are shown below.
12
3
4
56
78
9
10
11
12
13
14
A
FEC_
MDIO
FEC_
TXER
FEC_
TXCLK
FEC_
RXD1
FEC_
RXCLK
FEC_
CRS
U1TXD
FB_CS2
A23
A19
A15
A12
A10
A9
A
B
FEC_
MDC
FEC_
TXD1
FEC_
TXEN
FEC_
RXD0
FEC_
RXDV
FEC_
COL
U1RXD
FB_CS3
A22/
A18
A14
A11
A7
A8
B
C
DT2IN
FEC_
TXD0
FEC_
TXD2
FEC_
RXER
FEC_
RXD3
U1CTS
FB_CS0 FB_CS4
A21
A17
A13
A6
A3
A4
C
D
DT3IN
DT1IN
DT0IN
FEC_
TXD3
FEC_
RXD2
U1RTS
FB_CS1 FB_CS5
A20
A16
A5
A0
A1
A2
D
E
SD_WE
TS
I2C_SCL
I2C_SDA
IVDD
EVDD
EVDD
SD_VDD SD_VDD
TEST
PWM3
PWM5
PWM7
TA
E
F
D14
D15
SD_CS0
SD_CKE
EVDD
EVDD
EVDD
SD_VDD SD_VDD SD_VDD
IRQ5
IRQ6
IRQ7
PWM1
F
G
D10
D11
D12
D13
EVDD
VSS
VSS
VSS
VSS
JTAG_
EN
IRQ1
IRQ2
IRQ3
IRQ4
G
H
SD_
DQS3
BE/
BWE1
D8
D9
SD_VDD
VSS
VSS
VSS
VSS
EVDD
PLL_
VSS
USBOTG
_VDD
USB
OTG_P
USB
OTG_M
H
J
D30
D31
BE/
BWE3
SD_VDD SD_VDD SD_VDD SD_VDD
EVDD
IVDD
PLL_
VDD
DRAM
SEL
USB
HOST_P
USB
HOST_M
USBHOST
_VSS
J
K
D26
D27
D28
D29
IVDD
SD_VDD SD_VDD
EVDD
EVDD
IVDD
TRST/
DSCLK
TDI/DSI
RESET
XTAL
K
L
SD_CLK
SD_DR_
DQS
D24
D25
D19
D7
D3
R/W
DDATA3
PST3
TDO/
DSO
RSTOUT
TMS/
BKPT
EXTAL
L
M
SD_CLK SD_A10
SD_CAS
SD_RAS
BE/
BWE2
D6
D2
OE
DDATA2
PST2
QSPI_
CS0
QSPI_
CS1
U0RTS
U0CTS
M
N
FB_CLK
D23
D20
D17
SD_
DQS2
D5
D1
TCLK/
PSTCLK
DDATA1
PST1
QSPI_
DOUT
QSPI_
CS2
XTAL
32K
U0TXD
N
P
D22
D21
D18
D16
BE/
BWE0
D4
D0
RCON
DDATA0
PST0
QSPI_
DIN
QSPI_
CLK
EXTAL
32K
U0RXD
P
12
3
4
56
78
9
10
11
12
13
14
Figure 4. MCF5373LCVM240, MCF5372LCVM240, and MCF53721CVM240 Pinout Top View (196 MAPBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com