Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 22Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
22
Figure 9. SDR Write Timing
SD9
SD_DQS[3:2] input hold relative to SD_CLK7
tDQISDCH Does not apply. 0.5×SD_CLK fixed width.
SD10
Data (D[31:0]) Input Setup relative to SD_CLK (reference
only)8
tDVSDCH
0.25
×
SD_CLK
—ns
SD11
Data Input Hold relative to SD_CLK (reference only)
tDISDCH
1.0
—
ns
SD12
Data (D[31:0]) and Data Mask(SD_DQM[3:0]) Output Valid
tSDCHDMV
—
0.75
× SD_CLK
+ 0.5
ns
SD13
Data (D[31:0]) and Data Mask (SD_DQM[3:0]) Output Hold
tSDCHDMI
1.5
—
ns
1 The FlexBus and SDRAM clock operates at the same frequency of the internal bus clock. See the PLL chapter of the MCF5373
Reference Manual for more information on setting the SDRAM clock rate.
2 SD_CLK is one SDRAM clock in (ns).
3 Pulse width high plus pulse width low cannot exceed min and max clock period.
4 Pulse width high plus pulse width low cannot exceed min and max clock period.
5 SD_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This is a guideline only. Subtle variation
from this guideline is expected. SD_DQS only pulses during a read cycle and one pulse occurs for each data beat.
6 SDR_DQS is designed to pulse 0.25 clock before the rising edge of the memory clock. This spec is a guideline only. Subtle
variation from this guideline is expected. SDR_DQS only pulses during a read cycle and one pulse occurs for each data beat.
7 The SDR_DQS pulse is designed to be 0.5 clock in width. The timing of the rising edge is most important. The falling edge
does not affect the memory controller.
8 Because a read cycle in SDR mode uses the DQS circuit within the device, it is most critical that the data valid window be
centered 1/4 clk after the rising edge of DQS. Ensuring that this happens results in successful SDR reads. The input setup
spec is provided as guidance.
Table 10. SDR Timing Specifications (continued)
Symbol
Characteristic
Symbol
Min
Max
Unit
SD_CLK
SDDM
D[31:0]
A[23:0]
SD_BA[1:0]
CMD
ROW
SD1
SD4
COL
SD5
WD1
WD2
WD3
WD4
SD12
SD11
SD_CSn
SD_RAS
SD_WE
SD_CAS
SD2
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com