Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 28Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 29Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 30Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 31Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 32Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 33Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 34Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 35Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
32
Figure 19. MII Transmit Signal Timing Diagram
5.13.3
MII Async Inputs Signal Timing
Table 20 lists MII asynchronous inputs signal timing.
Figure 20. MII Async Inputs Timing Diagram
5.13.4
MII Serial Management Channel Timing
Table 21 lists MII serial management channel timings. The FEC functions correctly with a maximum MDC frequency of 2.5
MHz.
Table 20. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
FEC_CRS, FEC_COL minimum pulse width
1.5
—
FEC_TXCLK period
Table 21. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
FEC_MDC falling edge to FEC_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
FEC_MDC falling edge to FEC_MDIO output valid (max prop delay)
—
25
ns
M12
FEC_MDIO (input) to FEC_MDC rising edge setup
10
—
ns
M13
FEC_MDIO (input) to FEC_MDC rising edge hold
0
—
ns
M14
FEC_MDC pulse width high
40%
60%
FEC_MDC period
M15
FEC_MDC pulse width low
40%
60%
FEC_MDC period
M6
FEC_TXCLK (input)
FEC_TXD[3:0] (outputs)
FEC_TXEN
FEC_TXER
M5
M7
M8
FEC_CRS
M9
FEC_COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com