Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 34Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 35Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 36Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 37Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 38Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 39Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 40Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 41Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Current Consumption
Freescale Semiconductor
38
Figure 30 shows the estimated maximum power consumption.
Figure 30. Estimated Maximum Power Consumption
Table 27. Typical Active Current Consumption Specifications1
1 All values are measured with a 3.30 V EV
DD, 3.30 V SDVDD and 1.5 V IVDD power
supplies. Tests performed at room temperature with pins configured for high drive
strength.
fsys/3 Frequency
Voltage
Typical2 Active
(Flash)
2 CPU polling a status register. All peripheral clocks except UART0, FlexBus,
INTC0, reset controller, PLL, and edge port disabled.
Peak3
3 Peak current measured while running a while(1) loop with all modules active.
Unit
1.333 MHz
3.3V
7.73
7.74
mA
1.5V
2.87
3.56
2.666 MHz
3.3V
8.57
8.60
1.5V
4.37
5.52
58 MHz
3.3V
40.10
49.3
1.5V
65.90
91.70
64 MHz
3.3V
44.40
54.0
1.5V
69.50
97.0
72 MHz
3.3V
53.6
63.7
1.5V
74.6
104.7
80 MHz
3.3V
63.0
73.7
1.5V
79.6
112.9
Estimated Power Consumption vs. Core Frequency
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Core Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com