Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 33Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 34Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 35Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 36Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 37Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 38Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 39Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 40Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Current Consumption
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
37
Figure 29. Current Consumption in Low-Power Modes
Table 26. Current Consumption in Low-Power Modes1,2
1 All values are measured with a 3.30V EV
DD, 3.30V SDVDD and 1.5V IVDD power supplies. Tests performed at room
temperature with pins configured for high drive strength.
2 Refer to the Power Management chapter in the MCF537x Reference Manual for more information on low-power
modes.
Mode
Voltage
58 MHz
(Typ)3
3 All peripheral clocks except UART0, FlexBus, INTC0, reset controller, PLL, and edge port off before entering low
power mode. All code executed from flash.
64 MHz
(Typ)3
72 MHz
(Typ)3
80 MHz
(Typ)3
80 MHz
(Peak)4
4 All peripheral clocks on before entering low power mode. All code is executed from flash.
Units
Stop Mode 3 (Stop 11)5
5 See the description of the low-power control register (LCPR) in the MCF537x Reference Manual for more
information on stop modes 0–3.
3.3 V
3.9
3.92
4.0
4.0
4.0
mA
1.5 V
1.04
1.04
1.04
1.04
1.08
Stop Mode 2 (Stop 10)4
3.3 V
4.69
4.72
4.8
4.8
4.8
1.5 V
2.69
2.69
2.70
2.70
2.75
Stop Mode 1(Stop 01)4
3.3 V
4.72
4.73
4.81
4.81
4.81
1.5 V
15.28
16.44
17.85
19.91
20.42
Stop Mode 0 (Stop 00)4
3.3 V
21.65
21.68
24.33
26.13
26.16
1.5 V
15.47
16.63
18.06
20.12
20.67
Wait/Doze
3.3 V
22.49
22.52
25.21
27.03
39.8
1.5 V
26.79
28.85
30.81
34.47
97.4
Run
3.3 V
33.61
33.61
42.3
50.5
62.6
1.5 V
56.3
60.7
65.4
73.4
132.3
0
50
100
150
200
250
300
350
400
450
58
64
72
80
80(peak)
fsys/3 (MHz)
Stop 0 - Flash
Stop 1 - Flash
Stop 2 - Flash
Stop 3 - Flash
Wait/Doze - Flash
Run - Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com