Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 4 Page - NXP Semiconductors

  MCF5373CAB180 Datasheet HTML 1Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 2Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 3Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 4Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 5Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 6Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 7Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 8Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Ordering Information
Freescale Semiconductor
4
2
Ordering Information
Static RAM (SRAM)
32 Kbytes
SDR/DDR SDRAM Controller
•••••
USB 2.0 Host
—
•
•
—
•
USB 2.0 On-the-Go
—
•
•
—
•
Synchronous Serial Interface (SSI)
•••••
Fast Ethernet Controller (FEC)
•••••
Cryptography Hardware Accelerators
—
—
—
•
•
Embedded Voice-over-IP System Solution
—
—
•
—
—
FlexCAN 2.0B communication module
—
—
•
—
—
UARTs
33333
I2C
•••••
QSPI
•••••
PWM Module
—
•
•
—
•
Real Time Clock
•••••
32-bit DMA Timers
44444
Watchdog Timer (WDT)
•••••
Periodic Interrupt Timers (PIT)
44444
Edge Port Module (EPORT)
•••••
Interrupt Controllers (INTC)
22222
16-channel Direct Memory Access (DMA)
•••••
FlexBus External Interface
•••••
General Purpose I/O (GPIO)
up to 46
up to 62
up to 62
up to 46
up to 62
JTAG - IEEE® 1149.1 Test Access Port
•••••
Package
160
QFP
196
MAPBGA
196
MAPBGA
160
QFP
196
MAPBGA
Table 2. Orderable Part Numbers
Freescale Part
Number
Description
Package
Speed
Temperature
MCF5372CAB180
MCF5372 RISC Microprocessor
160 QFP
180 MHz
–40
° to +85° C
MCF5372LCVM240
MCF5372 RISC Microprocessor
196 MAPBGA
240 MHz
–40
° to +85° C
MCF53721CVM240
MCF53721 RISC Microprocessor
196 MAPBGA
240 MHz
–40
° to +85° C
MCF5373CAB180
MCF5373 RISC Microprocessor
160 QFP
180 MHz
–40
° to +85° C
MCF5373LCVM240
MCF5373 RISC Microprocessor
196 MAPBGA
240 MHz
–40
° to +85° C
Table 1. MCF537x Family Configurations (continued)
Module
MCF5372 MCF5372L MCF53721 MCF5373 MCF5373L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com