Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 26Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 27Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 28Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 29Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 30Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 31Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
28
5.10
USB On-The-Go
The MCF5373 device is compliant with industry standard USB 2.0 specification.
5.11
SSI Timing Specifications
This section provides the AC timings for the SSI in master (clocks driven) and slave modes (clocks input). All timings are given
for non-inverted serial clock polarity (SSI_TCR[TSCKP] = 0, SSI_RCR[RSCKP] = 0) and a non-inverted frame sync
(SSI_TCR[TFSI] = 0, SSI_RCR[RFSI] = 0). If the polarity of the clock and/or the frame sync have been inverted, all the timings
remain valid by inverting the clock signal (SSI_BCLK) and/or the frame sync (SSI_FS) shown in the figures below.
Table 14. SSI Timing – Master Modes1
1 All timings specified with a capactive load of 25pF.
Num
Description
Symbol
Min
Max
Units
S1
SSI_MCLK cycle time2
2 SSI_MCLK can be generated from SSI_CLKIN or a divided version of the internal system clock
(SYSCLK).
tMCLK
8
× t
SYS
—ns
S2
SSI_MCLK pulse width high / low
45%
55%
tMCLK
S3
SSI_BCLK cycle time3
3 SSI_BCLK can be derived from SSI_CLKIN or a divided version of SYSCLK. If the SYSCLK is used, the
minimum divider is 6. If the SSI_CLKIN input is used, the programmable dividers must be set to ensure
that SSI_BCLK does not exceed 4 x fSYS.
tBCLK
8
× t
SYS
—ns
S4
SSI_BCLK pulse width
45%
55%
tBCLK
S5
SSI_BCLK to SSI_FS output valid
—
15
ns
S6
SSI_BCLK to SSI_FS output invalid
-2
—
ns
S7
SSI_BCLK to SSI_TXD valid
—
15
ns
S8
SSI_BCLK to SSI_TXD invalid / high impedence
-4
—
ns
S9
SSI_RXD / SSI_FS input setup before SSI_BCLK
15
—
ns
S10
SSI_RXD / SSI_FS input hold after SSI_BCLK
0
—
ns
Table 15. SSI Timing – Slave Modes1
1 All timings specified with a capactive load of 25pF.
Num
Description
Symbol
Min
Max
Units
S11
SSI_BCLK cycle time
tBCLK
8
× t
SYS
—ns
S12
SSI_BCLK pulse width high/low
45%
55%
tBCLK
S13
SSI_FS input setup before SSI_BCLK
10
—
ns
S14
SSI_FS input hold after SSI_BCLK
3
—
ns
S15
SSI_BCLK to SSI_TXD/SSI_FS output valid
—
15
ns
S16
SSI_BCLK to SSI_TXD/SSI_FS output invalid/high
impedence
-2
—
ns
S17
SSI_RXD setup before SSI_BCLK
10
—
ns
S18
SSI_RXD hold after SSI_BCLK
3
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com