Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 26Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 27Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 28Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 29Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 30Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
27
Figure 13. GPIO Timing
5.9
Reset and Configuration Override Timing
Figure 14. RESET and Configuration Override Timing
NOTE
Refer to the CCM chapter of the MCF5373 Reference Manual for more information.
Table 13. Reset and Configuration Override Timing
Num
Characteristic
Symbol
Min
Max
Unit
R1
RESET Input valid to FB_CLK High
tRVCH
9—
ns
R2
FB_CLK High to RESET Input invalid
tCHRI
1.5
—
ns
R3
RESET Input valid Time 1
1 During low power STOP, the synchronizers for the RESET input are bypassed and RESET is asserted asynchronously to
the system. Thus, RESET must be held a minimum of 100 ns.
tRIVT
5—
tCYC
R4
FB_CLK High to RSTOUT Valid
tCHROV
—10
ns
R5
RSTOUT valid to Config. Overrides valid
tROVCV
0—
ns
R6
Configuration Override Setup Time to RSTOUT invalid
tCOS
20
—
tCYC
R7
Configuration Override Hold Time after RSTOUT invalid
tCOH
0—
ns
R8
RSTOUT invalid to Configuration Override High Impedance
tROICZ
—1
tCYC
G1
FB_CLK
GPIO Outputs
G2
G3
G4
GPIO Inputs
R1
R2
FB_CLK
RESET
RSTOUT
R3
R4
R8
R7
R6
R5
Configuration Overrides*:
R4
(RCON, Override pins])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com