Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 2Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 3Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 4Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 5Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 6Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 7Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 8Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 9Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Pin Assignments and Reset States
Freescale Semiconductor
6
high current in the internal ESD protection diodes. The rise times on the power supplies should be slower than 500 us to avoid
turning on the internal ESD protection clamp diodes.
3.3.2
Power Down Sequence
If IVDD/PLLVDD are powered down first, sense circuits in the I/O pads cause all output drivers to be in a high impedance state.
There is no limit on how long after IVDD and PLLVDD power down before EVDD or SDVDD must power down. IVDD should
not lag EVDD, SDVDD, or PLLVDD going low by more than 0.4 V during power down or there is undesired high current in the
ESD protection diodes. There are no requirements for the fall times of the power supplies.
The recommended power down sequence is as follows:
1.
Drop IVDD/PLLVDD to 0 V.
2.
Drop EVDD/SDVDD supplies.
4
Pin Assignments and Reset States
4.1
Signal Multiplexing
The following table lists all the MCF537x pins grouped by function. The Dir column is the direction for the primary function
of the pin only. Refer to Section 7, “Package Information,” for package diagrams. For a more detailed discussion of the
MCF537x signals, consult the MCF5373 Reference Manual (MCF5373RM).
NOTE
In this table and throughout this document, a single signal within a group is designated
without square brackets (i.e., A23), while designations for multiple signals within a group
use brackets (i.e., A[23:21]) and is meant to include all signals within the two bracketed
numbers when these numbers are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality. Pins that are
muxed with GPIO default to their GPIO functionality.
Table 3. MCF5372/3 Signal Information and Muxing
Signal Name
GPIO
Alternate 1
Alternate 2
MCF5372
MCF5373
160 QFP
MCF5372L
MCF53721
MCF5373L
196 MAPBGA
Reset
RESET2
—
—
—
I
EVDD
95
K13
RSTOUT
—
—
—
O
EVDD
86
L12
Clock
EXTAL
—
—
—
I
EVDD
91
L14
XTAL2
—
—
—
O
EVDD
93
K14
EXTAL32K
—
—
—
I
EVDD
—
P13
XTAL32K
—
—
—
O
EVDD
—
N13
FB_CLK
—
—
—
O
SDVDD
40
N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com