Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 17Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 22Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
21
Figure 8. FlexBus Write Timing
5.7
SDRAM Bus
The SDRAM controller supports accesses to main SDRAM memory from any internal master. It supports standard SDRAM or
double data rate (DDR) SDRAM, but it does not support both at the same time.
5.7.1
SDR SDRAM AC Timing Characteristics
The following timing numbers indicate when data is latched or driven onto the external bus, relative to the memory bus clock,
when operating in SDR mode on write cycles and relative to SD_DQS on read cycles. The device’s SDRAM controller is a
DDR controller that has an SDR mode. Because it is designed to support DDR, a DQS pulse must remain supplied to the device
for each data beat of an SDR read. The processor accomplishes this by asserting a signal named SD_SDR_DQS during read
cycles. Care must be taken during board design to adhere to the following guidelines and specs with regard to the
SD_SDR_DQS signal and its usage.
Table 10. SDR Timing Specifications
Symbol
Characteristic
Symbol
Min
Max
Unit
•
Frequency of Operation1
•
60
80
MHz
SD1
Clock Period2
tSDCK
12.5
16.67
ns
SD3
Pulse Width High3
tSDCKH
0.45
0.55
SD_CLK
SD4
Pulse Width Low4
tSDCKH
0.45
0.55
SD_CLK
SD5
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Valid
tSDCHACV
—
0.5
× SD_CLK
+1.0
ns
SD6
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Hold
tSDCHACI
2.0
—
ns
SD7
SD_SDR_DQS Output Valid5
tDQSOV
—
Self timed
ns
SD8
SD_DQS[3:0] input setup relative to SD_CLK6
tDQVSDCH
0.25
×
SD_CLK
0.40
× SD_CLK
ns
FB_CLK
FB_R/W
FB_TS
FB_OE
S0
S2
S3
DATA
S1
ADDR[31:X]
FB_A[23:0]
FB_D[31:X]
ADDR[23:0]
FB_CSn, FB_BE/BWEn
FB_TA
FB3
FB1
FB2
FB7
FB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com