Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 26Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 27Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 28Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 29Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 30Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 31Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 32Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
29
Figure 15. SSI Timing – Master Modes
Figure 16. SSI Timing – Slave Modes
5.12
I2C Input/Output Timing Specifications
Table 16 lists specifications for the I2C input timing parameters shown in Figure 17.
Table 16. I2C Input Timing Specifications between SCL and SDA
Num
Characteristic
Min
Max
Units
I1
Start condition hold time
2
—
tcyc
I2
Clock low period
8
—
tcyc
I3
I2C_SCL/I2C_SDA rise time (VIL = 0.5 V to VIH =2.4 V)
—
1
ms
I4
Data hold time
0
—
ns
SSI_MCLK
(Output)
SSI_BCLK
(Output)
SSI_FS
(Output)
SSI_TXD
SSI_RXD
S1
S2
S2
S3
S4
S4
S5
S6
S7
S8
S8
S9
S10
S7
SSI_FS
(Input)
S9
S10
SSI_BCLK
(Input)
SSI_FS
(Input)
SSI_TXD
SSI_RXD
S11
S12
S12
S14
S15
S16
S16
S17
S18
S15
S13
SSI_FS
(Output)
S15
S16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com