Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCF5373CAB180 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 3 Page - NXP Semiconductors

  MCF5373CAB180 Datasheet HTML 1Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 2Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 3Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 4Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 5Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 6Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 7Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 8Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
MCF537x Family Comparison
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
3
Figure 1. MCF5373 Block Diagram
1
MCF537x Family Comparison
The following table compares the various device derivatives available within the MCF537x family.
Table 1. MCF537x Family Configurations
Module
MCF5372 MCF5372L MCF53721 MCF5373 MCF5373L
ColdFire Version 3 Core with EMAC
(Enhanced Multiply-Accumulate Unit)
•••••
Core (System) Clock
up to
180 MHz
up to 240 MHz
up to
180 MHz
up to
240 MHz
Peripheral and External Bus Clock
(Core clock
÷ 3)
up to
60 MHz
up to 80 MHz
up to
60 MHz
up to
80 MHz
Performance (Dhrystone/2.1 MIPS)
up to 158
up to 211
up to 158
up to 211
Instruction/Data Cache
16 Kbytes
FlexBus
XBS
M2
M1
M0
M5
PWMs, EPORT,
JTAG
TAP
TRST
TCLK
TMS
TDI
TDO
Cache
(1024x32)x4
DMA
UARTs
I2C
QSPI
DMA Timers
Watchdog, PITs
16 KByte
Chip
External
Selects
(To/From PADI)
FEC
JTAG_EN
RTC
USB Host
S4
S7
S1
Reset
PORTS
SDRAMC
SSI
USB OTG
RESET
SRAM
(4096x32)x2
32 KByte
PLL
S6
SDRAMC
M6
USB Host
USB OTG
INTC0
INTC1
RCON
V3 ColdFire CPU
DIV
EMAC
RNGA
SKHA
MDHA
Cryptography
Modules
Interface
RSTOUT
(To/From SRAM backdoor)
(To/From XBS)
(To/From PADI)
D[31:0]
A[23:0]
R/W
CS[5:0]
TA
TS
FEC
DMA Timer
SDRAMC
UART
I2C
SDRAMC
QSPI
SSI
DREQn
DACKn
USB Host
USB OTG
BE/BWE[3:0]
PWM
(To/From PADI)
FlexCAN1
CANTX
CANRX
Note:
1 FlexCAN is only on the
MCF53721 device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com