Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 28Page - Analog Devices LTM4664 Datasheet HTML 29Page - Analog Devices LTM4664 Datasheet HTML 30Page - Analog Devices LTM4664 Datasheet HTML 31Page - Analog Devices LTM4664 Datasheet HTML 32Page - Analog Devices LTM4664 Datasheet HTML 33Page - Analog Devices LTM4664 Datasheet HTML 34Page - Analog Devices LTM4664 Datasheet HTML 35Page - Analog Devices LTM4664 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
conditions, the output voltage will drop from VINSn/2 by
RTH • ILOAD. In many applications, multi-layer ceramic
capacitors (MLCC) are selected as flying capacitors. The
voltage coefficients of MLCC capacitors strongly depend
on the type and size of capacitors. Normally larger size
X7R MLCC capacitors are better than X5R in terms of
voltage coefficient. The capacitance still drops 20% to
30% capacitance with high DC bias voltage. Capacitance
derating needs to be considered when estimating the out-
put resistance of the switched capacitor circuits.
UNDERVOLTAGE LOCKOUT
The LTM4664A divider stages have a precision UVLO
comparator constantly monitoring the INTVCCSn voltage
to ensure that an adequate gate drive voltage is present.
It locks out the switching action when INTVCCSn is below
4.9V. To prevent oscillation when there is a distuSrbance
on the INTVCCSn, the UVLO comparator has 200mV of
precision hysteresis. Another way to detect an under
voltage condition is to monitor the input supply. Because
the RUN pin has a precision turn-on reference of 1.22V,
one can use a resistor divider to the VINSn to turn on the
stage when the input voltage is high enough. An extra 5μA
of current flows out of the RUN pin once the RUNSn pin
voltage passes 1.22V. One can program the hysteresis
of the RUNSn comparator by adjusting the values of the
resistive divider.
FAULT RESPONSE AND TIMER PROGRAMMING
The LTM4664A divider stages stop switching and pull
the FAULTSn pins low during fault conditions. A capac-
itor connected from the TIMERSn pin to GND sets retry
time to start-up if fault conditions are removed. The typ-
ical waveform on TIMERSn pin during fault condition is
shown in Figure 7.
After the FAULTSn pin is pulled low, a 3.5μA pull-up current
flows out of TIMER pin and starts to charge the TIMERSn
capacitor. The pull-up current increases to 7μA when then
TIMERSn pin voltage is higher than 0.5V and back to
3.5μA when the TIMERSn pin voltage is higher than 1.2V.
The TIMERSn pin will be strongly pulled down whenever
the fault conditions are removed or the TIMERSn pin
voltage is higher than 4V. When the TIMERSn pin voltage
EFFECTIVE OPEN LOOP OUTPUT RESISTANCE AND
LOAD REGULATION
The LTM4664A divider stages do not regulate the output
voltage through a closed loop feedback system. However,
the output voltage is not sensitive to load conditions due
to the low output resistance when it is operating with
a certain quantity of flying capacitors and high switch-
ing frequency. The Thevenin equivalent circuit of voltage
divider circuit is shown in the Figure 6.
When duty cycle is around 50%:
ROUT =
1+e
–
1
4f
S RDS(ON) C FLY
4fSCFLY 1–e
–
1
4f
S RDS(ON)C FLY
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
Where:
fS is the switching frequency.
CFLY is the flying capacitor.
RDS(ON) is the on resistance of one MOSFET.
At low switching frequencies, RTH = 1/(4fS CFLY). As fre-
quency increases, the RTH will finally approach 2RDS(ON).
In high power applications, it is suggested to select the
switching frequency around 1/(16CFLY RDS(ON)) or higher
for decent load regulation and efficiency. At heavy load
LTM4664A
32
Rev. 0
For more information www.analog.com
4:1 DIVIDER APPLICATION INFORMATION
VIN
VIN/2
RTH
CFLY
CMID
G1
G2
G3
G4
SW1
SW3
MID
CMID
4664A F06
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com