Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
LTM4664A
13
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Inputs SHARE_CLK, WP (Note 10)
VIH
Input High Threshold Voltage
ISINK = 3mA
l
1.5
1.8
V
VIL
Input Low Threshold Voltage
l
0.6
1
V
Digital Filtering of FAULTCn (Note 10)
TFLTF
Input Digital Filtering FAULTn
3
µs
Digital Filtering of PGOOD_Cn (Note 10)
TPGF
Output Digital Filtering PGOOD_Cn
60
µs
Digital Filtering of RUN_Cn (Note 10)
TRUNF
Input Digital Filtering RUN_Cn
10
µs
PMBus Interface Timing Characteristics (Note 10)
fSCL
Serial Bus Operating Frequency
l
10
400
kHz
tBUF
Bus Free Time Between Stop and Start
l
1.3
µs
tHD(STA)
Hold Time After Repeated Start
Condition After This Period, the First
Clock is Generated
l
0.6
µs
tSU(STA)
Repeated Start Condition Setup Time
l
0.6
10000
µs
tSU(ST0)
Stop Condition Setup Time
l
0.6
µs
tHD(DAT)
Date Hold Time
Receiving Data
Transmitting Data
l
l
0
0.3
0.9
µs
µs
tSU(DAT)
Data Setup Time
Receiving Data
0.1
µs
tTIMEOUT_SMB
Stuck PMBus Timer Non-Block Reads
Stuck PMBus Timer Block Reads
Measured from the Last PMBus Start Event
3
255
ms
ms
tLOW
Serial Clock Low Period
l
1.3
10000
µs
tHIGH
Serial Clock High Period
l
0.6
µs
Channel 0 and Channel 1 Power Stages (Note 10)
PWM_Cn LOW
PWM Drive Low Level, C0, C1
0.6
V
PWM_Cn HIGH
PWM Drive High Level, C0, C1
2.6
V
PHFLT_Cn T
Warning Temperature
140
C
PHFLT_Cn ACC
Thermal Warning Accuracy
–10
10
Kelvin
PHFLT_Cn HYS
Hysteresis
10
Kelvin
PHFLT_Cn Res
On Resistance
Sink = 8mA
37.5
80
Ω
PHFLT_Cn Leak
0.1
5
µA
PHFLT_Cn Pull-Up Pull-Up Resistor
Tied to VDD33
10
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com