Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 138 page
background image
LTM4664A
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the internal operating
junction temperature. TA = 25°C, VINS1 = 48V, and RUNn = 5V where n = stage # unless otherwise noted. See Figure 46 configuration
for setup. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISINK VOUTn
ISINK Current to Pre-Start Up Balance
VOUTn and CFLYn, n = Stage #
INSNSSn = VINSn = 24V VOUTn = 11V, Timer = 0.8V
See Block Diagram
50
mA
RUNn Pins
VTH_RUNn
Run PIN Threshold
n = Stage #
VRUN Rising
l
1.1
1.22
1.4
V
VRUNn HYS
Run Pin Hysteresis
n = Stage #
90
mV
OVP Comparator
OVP-SET In
OVP-SET Input Range MAX
25
V
VOUT2-SET
VOUT2-SET Range MAX
25
V
IB
Input Bias I
VCM = 0V to 25V
30
mA
VOS
Input Offset
0.5V < VCM < 25V
3
mV
PSRR
Power Supply Rejection
0.5V < VCM < 25V (Note 10)
85
db
CMRR
Common Mode Rejection
0.5V < VCM < 25V (Note 10)
80
db
Delay
Propagation Delay
10
µs
OVP_Trip Sink
OVP_Trip Sink
ISINK = 5mA (Note 10)
0.35
V
INTVCC Regulators
VINTVCCSn
Internal (LDO) Low Drop Out
Regulator, n = Stage #
30V < VINS1 < 58V, VEXTVCCS1 = 0V, Stage 1
15V < VINS2 < 19V, VEXTVCCS2 = 0V, Stage 2
5.4
5.6
5.9
V
VINTVCCSn Load
LDO Load Regulation
ICC = 50mA, VEXTVCCSn = 0V
0.5
2
%
INTVCCSn IPeak
INTVCC Stage Peak Output Current
150
mA
VINTVCCSn with
EXTVCC
LDO Output Range with EXTVCCn,
n = Stage #
12V < VEXTVCCn < 24V,
VINSn = 12V
5.4
5.6
5.9
V
VINTVCCSn Load
EXT
LDO Load Regulation with EXTVCC
ICC = 50mA, VEXTVCCn = 6.5V
1
2
%
VEXTVCCn Threshold EXTVCCn Switch Over
VEXTVCCn Ramping Positive
6.3
6.5
6.65
V
VEXTVCCn HYS
EXTVCCn Hysteresis
400
mV
Switching Oscillator
Frequency Range n Frequency Range
n = Stage #
100
1000
kHz
fNOM Stage 1
Optimized Efficiency Freq. Stage 1
FREQS1. Pin Resistor = 36.5k
100
kHz
fNOM Stage 2
Optimized Efficiency Freq. Stage 2
FREQS2. Pin Resistor = 60.4k
200
kHz
Output Specifications
ΔVOUT/VOUT
Stage 1
Stage 1 Load Regulation Accuracy
VOUT1 = 24V, 0A to 3.2A Maximum = 75W
VINS1 = 48V, FREQS1 = 100kHz
CINB1 = 33µF (Bulk Input Capacitor)
CIN1 = 2.2µF 100V Ceramic, CFLY1 = 10µF 50V X6
COUT1 = 10µF 50V
3.5
%
VOUT1 Output Load VOUT1 Max Load Current
(Note 4)
VOUT1 = 24V, 0A to 3.2A Maximum = 75W
VINS1 = 48V, FREQS1 = 100kHz
CINB1 = 33µF (Bulk Input Capacitor)
CIN1 = 2.2µF 100V Ceramic, CFLY1 = 10µF 50V X6
COUT1 = 10µF 50V
3.2
A
M1-M4 RDS-ON
Stage 1 MOSFET On Resistance
VGS = 5V (Note 16)
18
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com