Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 85 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 85 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 81Page - Analog Devices LTM4664 Datasheet HTML 82Page - Analog Devices LTM4664 Datasheet HTML 83Page - Analog Devices LTM4664 Datasheet HTML 84Page - Analog Devices LTM4664 Datasheet HTML 85Page - Analog Devices LTM4664 Datasheet HTML 86Page - Analog Devices LTM4664 Datasheet HTML 87Page - Analog Devices LTM4664 Datasheet HTML 88Page - Analog Devices LTM4664 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
LTM4664A
85
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
CH1 18V PULSE ON VOUT2
20V/DIV, 500mS/DIV
CH2 VIN HOT SWAP TURN OFF
50V/DIV
CH3 CIRCUITBREAKERTRIP SIGNAL
10V/DIV
CH4 1.5V VOUT PSM
500mV/DIV
4664A G46b
+
10nF
28k
562k
100k
100k
10k
VIN
VOUT2SET
VOUT2
VCC
GATE
SHDN
UV
LT4363-1
U1
TMR
GND
SNS
OUT
FB
FLTB
ENOUT
33k
1µF
2M
1k
MMBT3906
10k
30k
10k
ON/OFF
VOUT2 OVP TRIP POINT AT 16.5V
NEXT DUPLICATE
CIRCUITBREAKERTRIP
DRIVEN BY LTM4664A OVP CIRCUIT
THIS CIRCUIT CAN BE DUPLICATED AND CONNECTED
TO ADDITIONAL LTM4664As USING EACH LTM4664A’S OVP CIRCUIT
20m
UV=27V
28V TO 58V, 60V MAX
10nF
47nF
4664A F46c
100nF
100V
100nF
100V
470µF
100V
BSC046N10NS3G
Figure 46b. VOUT2 Overvoltage Protection
Figure 46c. Hot Swap Circuit Breaker Front End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com