Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices LTM4664 Datasheet HTML 22Page - Analog Devices LTM4664 Datasheet HTML 23Page - Analog Devices LTM4664 Datasheet HTML 24Page - Analog Devices LTM4664 Datasheet HTML 25Page - Analog Devices LTM4664 Datasheet HTML 26Page - Analog Devices LTM4664 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 138 page
background image
LTM4664A
23
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
FAULT_C0/FAULT_C1 (K10/K9): Digital Programmable
FAULT Inputs and Outputs. Open-drain output. A pull-up
resistor to 3.3V is required in the application.
VINS3_C1, VINS3_C0: (L1-L2, M1-M2), (L12-L13, M12-
M13): Main power input to channel 0, and channel 1
power stages. Provide sufficient decoupling capacitance
in the form of multilayer ceramic capacitors (MLCCs) and
low ESR electrolytic (or equivalent) to handle reflected
input current ripple from the step-down switching
stages. MLCCs should be placed as close to the VINS3
as physically possible. The VINS3_C1 input provides the
input power for the INTVCC LDO regulator. See Layout
Recommendations in the Dual 25A/30A PSM Applications
Information section.
VDD33 (L6): Internally Generated 3.3V Power Supply Output
Pin. This pin should only be used to provide external
current for the pull-up resistors required for FAULT_Cn,
SHARE_CLK, and SYNC, and may be used to provide exter-
nal current for pull-up resistors on RUN_Cn, SDA, SCL,
ALERT and PGOOD_Cn. No external decoupling is required.
SHARE_CLK (L7): Share_Clock, Bidirectional Open- Drain
Clock Sharing Pin. Nominally 100kHz. Used for synchro-
nizing the time base between multiple LTM4664As (and
any other Analog Devices products with a SHARE_ CLK
pin)—to realize well-defined rail sequencing and rail track-
ing. Tie the SHARE_CLK pins of all such devices together;
all devices with a SHARE_CLK pin will synchronize to the
fastest clock. A pull-up resistor to 3.3V is required.
SDA (L8): Serial Bus Data Open-Drain Input and Output.
A pull-up resistor to 3.3V is required in the application.
SCL (L9): Serial Bus Clock Open-Drain Input (Can Be an
Input and Output, if Clock Stretching is enabled). A pull-up
resistor to 3.3V is required in the application for digital
communication to the SMBus master(s) that nominally
drive this clock. The LTM4664A will never encounter sce-
narios where it would need to engage clock stretching
unless SCL communication speeds exceed 100kHz—and
even then, LTM4664A will not clock stretch unless clock
stretching is enabled by means of setting MFR_CONFIG_
ALL[1] = 1b. The factory-default NVM configuration set-
ting has MFR_CONFIG_ALL [1] = 0b: clock stretching
disabled. If communication on the bus at clock speeds
above 100kHz is required, the user’s SMBus master(s)
needs to implement clock stretching support to assure
solid serial bus communications, and only then should
MFR_CONFIG_ALL [1] be set to 1b. When clock stretch-
ing is enabled, SCL becomes a bidirectional, open-drain
output pin on LTM4664A.
TSNS_C0a, TSNS_C0b (L10 and T16, Respectively):
Channel 0 Temperature Excitation/Measurement and
Thermal Sensor Pins, respectively. Connect TSNS_C0a
to TSNS_C0b. This allows the LTM4664A to monitor the
Power Stage Temperature of Channel 0.
SYNC (M8): External Clock Synchronization Input and
Open-Drain Output Pin. If an external clock is present at
this pin, the switching frequency will be synchronized to
the external clock. If clock master mode is enabled, this
pin will pull low at the switching frequency with a 500ns
pulse to ground. A resistor pull-up to 3.3V is required in
the application if the LTM4664A is the master.
SGND_C0_C1 (M9, N8-N9): SGND_C0_C1 is the signal
ground return path of the dual 25A/30A control. SGND_C0_
C1 is not internally connected to GND. Connect SGND_C0_C1
to GND at the A9, B9, and C9 pins that is close to the output
capacitor ground connections. See recommended layout.
TSNS_C1a, TSNS_C1b (M10 and T1, Respectively):
Channel 1 Temperature Excitation/Measurement and
Thermal Sensor Pins, respectively. In most applica-
tions, connect TSNS_C1a to TSNS_C1b. This allows the
LTM4664A to monitor the Power Stage Temperature of
Channel 1. See the Applications section.
PWM_C0, PWM_C1 (M15, L4): PWM drive signal to
Channel 0, Channel 1 power stage. Utilized for debugging
or monitoring purposes.
PHFLT_C0, PHFLT_C1 (M16, L5): Thermal Warning for
Channel 0 and Channel 1. When the thermal protection
threshold is tripped, the PHFLT_Cn pin is being pulled
low. The power stage does not shut off, and is only a
thermal monitor. These pins are internally pulled up to
3.3V through 10k resistor. COMP_0b/COMP_1b (N10/
M7): Current Control Threshold and Error Amplifier
Compensation Nodes. Each associated channel’s current
comparator tripping threshold increases with its Comp
voltage. Each channel has a 22pF to SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com