Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
LTM4664A
12
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD33 Regulator
VDD33
Internal VDD33 Voltage
4.5V < VINTVCC or 4.8V < VEXTVCC
3.2
3.3
3.4
V
ILIM
VDD33 Current Limit
VDD33 = GND, VIN = INTVCC = 4.5V
100
mA
VDD33_OV
VDD33 Overvoltage Threshold
(Note 10)
3.5
V
VDD33_UV
VDD33 Undervoltage Threshold
(Note 10)
3.1
V
VDD25 Regulator
VDD25
Internal VDD25 Voltage
2.5
V
LIM
VDD25 Current Limit
VDD25 = GND, VIN = INTVCC = 4.5V
80
mA
Oscillator and Phase-Locked Loop
fRANGE
PLL SYNC Range
Synchronized with Falling Edge of SYNC
l
250
1000
kHz
fOSC
Oscillator Frequency Accuracy
Frequency Switch = 250.0kHz to 1000.0kHz (Note 10)
l
±7.5
%
VTH(SYNC)
SYNC Input Threshold
VSYNC Falling
VSYNC Rising
1
1.5
V
V
VOL(SYNC)
SYNC Low Output Voltage
ILOAD = 3mA
0.2
0.4
V
ILEAK(SYNC)
SYNC Leakage Current in Slave Mode
0V ≤ VPIN ≤ 3.6V
±5
µA
θSYNC-θ0
SYNC to Ch0 Phase Relationship
Based on the Falling Edge of Sync and
Rising Edge of SWC0)
MFR_PWM_CONFIG[2:0] = 0,2,3
MFR_PWM_CONFIG[2:0] = 5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0]= 4,6 (Note 10)
0
60
90
120
Deg
Deg
Deg
Deg
θSYNC-θ1
SYNC to Ch1 Phase Relationship
Based on the Falling Edge of Sync and
Rising Edge of SWC1
MFR_PWM_CONFIG[2:0] = 3
MFR_PWM_CONFIG[2:0] = 0
MFR_PWM_CONFIG[2:0] = 2,4,5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0] = 6 (Note 10)
120
180
240
270
300
Deg
Deg
Deg
Deg
Deg
EEPROM Characteristics
Endurance
(Notes 15, 16)
0°C < TJ < 85°C EEPROM Write Operations
l
10,000
Cycles
Retention
(Notes 15, 16)
TJ < 125°C
l
10
Years
Mass_Write
Mass Write Operation Time
STORE_USER_ALL, 0°C < TJ < 85°C
During EEPROM Write Operation
l
440
4100
ms
Input Leakage Current SDA, SCL, ALERT, RUN
IOL
Input Leakage Current
OV ≤ VPIN ≤ 5.5V
l
±5
µA
Leakage Current FAULTn, PGOOD_Cn
ILEAK
Input Leakage Current
OV ≤ VPIN ≤ 3.6V
l
±2
µA
Digital Inputs SCL, SDA, RUN_Cn, FAULT_Cn (Note 10)
VIH
Input High Threshold Voltage
l
1.35
V
VIL
Input Low Threshold Voltage
l
0.8
V
VHYST
Input Hysteresis
SCL, SDA
0.08
V
CPIN
Input Capacitance
10
pF
Digital Input WP (Note 10)
IPUWP
Input Pull-Up Current
WP
10
µA
Open-Drain Outputs SCL, SDA, FAULT_Cn, ALERT, RUN_Cn, SHARE_CLK, PGOOD_Cn
VOL
Output Low Voltage
ISINK = 3mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com