Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices LTM4664 Datasheet HTML 10Page - Analog Devices LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
LTM4664A
9
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 1, 2, 3). Specified as each individual output channel designated with n (Note 3). TA = 25°C,
VINS3 = 12V, RUN_Cn = 3.3V, EXTVCC = 0V, FREQUENCY_SWITCH = 350kHz and VOUTCn commanded to 1.000V unless otherwise noted.
Configured with factory default EEPROM settings, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUTn(OCL_AVg)
Output Current Limit, Time Averaged
Time-Averaged Output Inductor Current Limit Inception
Threshold, Commanded by IOUT_OC_FAULT_LIMITn
(Note 7) Utilizing MFR_PWM_MODE[7] = 0b, and Using
~IOUT = 34A , Page103
34
A
Control Section
VFBCMn
Feedback Input
Common Mode Range
VOSNS–_Cn Valid Input Range (Referred to SGND)
VOSNS+_Cn Valid Input Range (Referred to SGND)
l
l
–0.1
0.3
3.6
V
V
VOUTn-RNGL
Full-Scale Command Voltage
Range Low (0.5V to 2.75V)
Set Point Accuracy
Resolution
LSB Step Size
Limit Design to 1.5V Operating for Module
MFR_PWM_MODEn[1] = 1b, VOUTn Commanded to
2.75V (Notes 8, 10)
–0.5
2.75
12
0.688
0.5
V
%
Bits
mV
VOUTn-RNGH
Full-Scale Command Voltage
Range High (0.5V to 3.6V)
Set Point Accuracy
Resolution
LSB Step Size
Limit Design to 1.5V Operating for Module
MFR_PWM_MODEn[1] = 0b, VOUTn Commanded to
3.60V (Notes 8, 10)
–0.5
3.60
12
1.375
0.5
V
%
Bits
mV
RVSENSEn+
VOSNS+_Cn Impedance to SGND
0.05V ≤ VVOSNS+_Cn – VSGND ≤ 3.3V
50
kΩ
tON(MIN)
Minimum On-Time
(Note 10 )
60
nsec
gm0,1
Resolution
Error Amplifier gm(max)
Error Amplifier gm(min)
LSB Step Size
COMP0,1 = 1.35V, MFR_PWM_CONFIG[7:5] = 0 to 7
MFR_PWW_CONFIG Section (Note 10)
3
5.76
1
0.68
Bits
mmho
mmho
mmho
RCOMP0, 1
Resolution
Compensation Resistor RCOMP(MAX)
Compensation Resistor RCOMP(MIN)
MFR_PWM_CONFIG[4:0] = 0 to 31
(See Figure 1, Note 10)
5
62
0.5
Bits
kΩ
kΩ
Analog OV/UV Ch 0,1(Overvoltage/Undervoltage) Output Voltage Supervisor Comparators (VOUT_OV/UV_FAULT_LIMIT and VOUT_OV/UV_WARN_
LIMIT Monitors)
NOV/UV_COMP
Resolution, Output
Voltage Supervisors
(Notes 9, 10)
9
Bits
VOV-RNG
Output OV Comparator
Threshold Detection Range
(Notes 9, 10) Limit Design to 1.5V Operating for Module
Low Range Scale, MFR_PWM_MODEn[1] = 1b
High Range Scale, MFR_PWM_MODEn[1] = 0b
0.5
1
2.7
3.6
V
V
VOUSTP
Output OV and UV
Comparator Threshold
Programming LSB Step Size
(Notes 9, 10)
Low Range Scale, MFR_PWM_MODEn[1] = 1b
High Range Scale, MFR_PWM_MODEn[1] = 0b
5.6
11.2
mV
mV
VOV-ACC-Cn
Output OV Threshold Accuracy
Range Low
Range High
(Notes 9, 10)
0.5V ≤ VVOSNS+_Cn – VVOSNS–_Cn ≤ 2.7V, MFR_PWM_
MODEn[1] = 1b
1V ≤ VVOSNS+_Cn – VVOSNS–_Cn ≤ 3.6V, MFR_PWM
MODEn[1] = 0b
l
±1.5
±40
mV
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com