Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 3 Page - Analog Devices

  LTM4664 Datasheet HTML 1Page - Analog Devices LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
LTM4664A
3
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Minimum On-Time Considerations .........................66
Variable Delay Time, Soft-Start and Output
Voltage Ramping ...................................................66
Digital Servo Mode ................................................66
Soft Off (Sequenced Off) .......................................67
Undervoltage Lockout ............................................68
Fault Detection and Handling .................................68
Open-Drain Pins ....................................................68
Phase-Locked Loop and Frequency
Synchronization .....................................................69
Input Current Sense Amplifier ................................70
Programmable Loop Compensation ......................70
Checking Transient Response ................................71
PolyPhase® Configuration ......................................72
Connecting the USB to I2C/SMBus/PMBus Controller
to the LTM4664A In-System ..................................72
LTpowerPlay: An Interactive GUI for Digital Power .73
PMBus Communication and
Command Processing ............................................73
Thermal Considerations and Output 
Current Derating ....................................................75
Table 10 and Table 11: Output Current Derating
(Based on Demo Board) .........................................78
Dual 25A/30A PSM Applications Information–
Derating Curves...........................................81
EMI Performance ...................................................82
Safety Considerations ............................................82
Layout Checklist/Example .....................................83
Typical Applications ......................................84
PMBus Command Details ...............................90
Addressing and Write Protect.................................90
General Configuration Commands..........................92
On/Off/Margin ........................................................93
PWM Configuration ................................................95
Voltage....................................................................98
Input Voltage and Limits.........................................98
Output Voltage and Limits ......................................99
Output Current and Limits .................................... 102
Input Current and Limits ...................................... 104
Temperature.......................................................... 105
External Temperature Calibration.......................... 105
Timing .................................................................. 106
Timing—On Sequence/Ramp............................... 106
Timing—Off Sequence/Ramp .............................. 107
Precondition for Restart ....................................... 108
Fault Response ..................................................... 108
Fault Responses All Faults.................................... 108
Fault Responses Input Voltage.............................. 109
Fault Responses Output Voltage........................... 109
Fault Responses Output Current........................... 112
Fault Responses IC Temperature .......................... 113
Fault Responses External Temperature................. 114
Fault Sharing......................................................... 115
Fault Sharing Propagation .................................... 115
Fault Sharing Response........................................ 117
Scratchpad ........................................................... 117
Identification......................................................... 118
Fault Warning and Status...................................... 119
Telemetry.............................................................. 126
NVM Memory Commands .................................... 130
Store/Restore ....................................................... 130
Fault Logging........................................................ 131
Block Memory Write/Read.................................... 135
Package Description ................................... 136
Typical Applications .................................... 138
Related Parts ............................................ 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com