Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 2 Page - Analog Devices

  LTM4664 Datasheet HTML 1Page - Analog Devices LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
LTM4664A
2
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Features..................................................... 1
Applications ................................................ 1
Typical Application ........................................ 1
Description.................................................. 1
Absolute Maximum Ratings.............................. 4
Pin Configuration .......................................... 4
Order Information.......................................... 5
Electrical Characteristics................................. 5
Typical Performance Characteristics ..................15
4:1 Divider Block Diagram ..............................25
Dual 25A/30A Power System Management (PSM)
Block Diagram.............................................26
4:1 Divider Operation ....................................27
4:1 Divider Description ...........................................27
Main Control...........................................................27
INTVCCS1,2/EXTVCCS1,2 Power................................27
Start-Up and Shutdown ..........................................28
Fault Protection and Thermal Shutdown.................28
High Side Current Sensing......................................28
Frequency Selection................................................28
Power Good and UV (PGOODS
n and UVSn pins)....29
Additional Overvoltage Protection ..........................29
4:1 Divider Application Information....................30
Voltage Divider Pre-Balance Before Switching........30
Overcurrent Protection ...........................................31
Window Comparator Programming ........................31
Effective Open Loop Output Resistance and
Load Regulation......................................................32
Undervoltage Lockout.............................................32
Fault Response and Timer Programming................32
Design Example......................................................33
Dual 25A/30A PSM Operation...........................35
PSM Section Overview, Major Features..................35
EEPROM with ECC .................................................36
Power-Up and Initialization ....................................37
Soft-Start ...............................................................38
Time-Based Sequencing ........................................38
Voltage-Based Sequencing ....................................38
Shutdown ..............................................................39
Light-Load Current Operation ................................39
Switching Frequency and Phase .............................40
PWM Loop Compensation .....................................40
Output Voltage Sensing .........................................40
INTVCC/EXTVCC Power ..........................................40
Output Current Sensing and Sub Milliohm DCR
Current Sensing ..................................................... 41
Input Current Sensing ............................................ 41
PolyPhase Load Sharing ........................................ 41
External/Internal Temperature Sense .....................42
RCONFIG (Resistor Configuration) Pins .................42
Fault Detection and Handling .................................45
Status Registers and ALERT Masking ....................46
Mapping Faults to FAULT Pins ...............................48
Power Good Pins ...................................................48
CRC Protection ......................................................48
Serial Interface ......................................................48
Communication Protection ....................................48
Device Addressing .................................................48
Responses to VOUT and IIN/IOUT Faults ..................49
Output Overvoltage Fault Response .......................49
Output Undervoltage Response .............................50
Peak Output Overcurrent Fault Response ..............50
Responses to Timing Faults ...................................50
Responses to VIN OV Faults ...................................50
Responses to OT/UT Faults ....................................50
Internal Overtemperature Fault Response ..............50
External Overtemperature and Undertemperature
Fault Response .................................................... 51
Responses to Input Overcurrent and Output
Undercurrent Faults ............................................... 51
Responses to External Faults ................................. 51
Fault Logging ......................................................... 51
Bus Timeout Protection ......................................... 51
Similarity Between PMBus, SMBus and I2C
2-Wire Interface .....................................................52
PMBus Serial Digital Interface ...............................52
Figure 11 thru Figure 28 PMBus Protocols .............54
PMBus Command Summary ............................57
PMBus Commands ................................................57
Dual 25A/30A PSM Applications Information.........63
VIN to VOUT Step-Down Ratios ...............................63
Input Capacitors ....................................................63
Output Capacitors ..................................................63
Light Load Current Operation .................................63
Switching Frequency and Phase ............................64
Output Current Limit Programming .......................65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com