Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
LTM4664A
17
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOUTCn (1.5V) Load Transient
VOUTCn (1V) Load Transient
Dual Phase (50A/0.9V)
Load Transient
VOUTCn
50mV/DIV
AC-COUPLED
IOUT
5A/DIV
4664A G14
48V TO 1V SINGLE CHANNEL,
0A TO 12.5A/µs LOAD STEP
COUT = 470µF ×2 POSCAP, 100µF ×5 CER,
COMP_Cna = 2200pF, COMP_Cnb = 100pF,
EA-GM = 3.69ms, RCOMP = 5k,
PSM FREQ = 250kHz, ILIMIT RANGE = LOW
VOUT RANGE = LOW
50µs/DIV
VOUTCn
50mV/DIV
AC-COUPLED
IOUT
5A/DIV
4664A G15
48V TO 1.5V SINGLE CHANNEL, 0A TO 12.5A/µs
LOAD STEP
COUT = 470µF ×1 POSCAP, 330µF ×2 CER,
COMP_C
na = 2200pF, COMP_Cnb = 220pF,
EA-GM = 3.02ms, RCOMP = 6k,
PSM FREQ = 350kHz
50µs/DIV
VOUT
50mV/DIV
AC-COUPLED
IOUT
10A/DIV
4664A G16
48V TO 0.9V DUAL PHASE SINGLE OUTPUT, 0A
TO 25A/µs LOAD STEP
COUT = 470µF ×2 POSCAP, 330µF ×5 CER,
COMP_C0, 1 = 1500pF, COMP_C01b = 100pF,
EA-GM = 4.36ms, RCOMP = 13k,
PSM FREQ = 250kHz, ILIMIT RANGE = LOW
VOUT RANGE = LOW
50µs/DIV
VOUT
50mV/DIV
AC-COUPLED
IOUT
10A/DIV
4664A G17
48V TO 1V DUAL PHASE SINGLE OUTPUT, 0A TO
25A/µs LOAD STEP
COUT = 470µF ×2 POSCAP, 5 × 330µF CER,
COMP_C0,1 = 1500pF, COMP_C01b = 100pF,
EA-GM = 4.36ms, RCOMP = 13k,
PSM FREQ = 350kHz, ILIMIT RANGE = LOW
VOUT RANGE = LOW
50µs/DIV
Dual Phase (50A/1V) Load Transient
25A AC Ripple Noise
VOUTC0
10mV/DIV
AC-COUPLED
VOUTC1
10mV/DIV
AC-COUPLED
SWC0
SWC1
4664A G18
48V TO VOUTC0 = 1V, AND VOUTC1 = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com