Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 63Page - Analog Devices LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices LTM4664 Datasheet HTML 69Page - Analog Devices LTM4664 Datasheet HTML 70Page - Analog Devices LTM4664 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
LTM4664A
67
Rev. 0
For more information www.analog.com
VOUT_UV_FAULT_LIMIT. This same point in time is
when the output changes from discontinuous to the pro-
grammed mode as indicated in MFR_PWM_MODE bit 0.
Refer to Figure 29 for details on the VOUT waveform under
time-based sequencing. If the TON_MAX_FAULT_LIMIT
is set to a value greater than 0 and the TON_MAX_FAULT_
RESPONSE is set to ignore 0x00, the servo begins:
1. After the TON_RISE sequence is complete
2. After the TON_MAX_FAULT_LIMIT time is reached;
and
3. After the VOUT_UV_FAULT_LIMIT has been exceeded
or the IOUT_OC_FAULT_LIMIT is no longer active.
If the TON_MAX_FAULT_LIMIT is set to a value greater
than 0 and the TON_MAX_FAULT_RESPONSE is not set
to ignore 0x00, the servo begins:
1. After the TON_RISE sequence is complete
2. After the TON_MAX_FAULT_LIMIT time has expired
and both VOUT_UV_FAULT and IOUT_OC_FAULT are
not present.
The maximum rise time is limited to 1.3 seconds.
In a PolyPhase configuration it is recommended only one
of the control loops have the digital servo mode enabled.
This will assure the various loops do not work against each
other due to slight differences in the reference circuits.
SOFT OFF (SEQUENCED OFF)
In addition to a controlled start-up, the LTM4664A PSM
also supports controlled turn-off. The TOFF_DELAY and
TOFF_FALL functions are shown in Figure 30. TOFF_FALL
is processed when the RUN pin goes low or if the part is
commanded off. If the part faults off or FAULT_Cn is pulled
low externally and the part is programmed to respond to
this, the output will three-state rather than exhibiting a
controlled ramp. The output will decay as a function of the
load. The output voltage will operate as shown in Figure 30
as long as the part is in forced continuous mode and the
TOFF_FALL time is sufficiently slow that the power stage
can achieve the desired slope. The TOFF_FALL time can
only be met if the power stage and controller can sink
sufficient current to assure the output is at zero volts by
the end of the fall time interval. If the TOFF_FALL time is
set shorter than the time required to discharge the load
capacitance, the output will not reach the desired zero
volt state. At the end of TOFF_FALL, the controller will
cease to sink current and VOUT will decay at the natural
rate determined by the load impedance. If the controller is
in discontinuous mode, the controller will not pull negative
current and the output will be pulled low by the load, not
the power stage. The maximum fall time is limited to 1.3
seconds. The shorter TOFF_FALL time is set, the larger
the discrete steps in the TOFF_FALL ramp will appear. The
number of steps in the ramp is equal to TOFF_FALL/0.1ms.
DAC VOLTAGE
ERROR (NOT
TO SCALE)
TIME DELAY OF
200-400ms
DIGITAL SERVO
MODE ENABLED FINAL OUTPUT
VOLTAGE REACHED
TON_MAX_FAULT_LIMIT
TON_RISE
TIME
4664A F29
TON_DELAY
VOUT
Figure 29. Timing Controlled VOUT Rise
TOFF_FALL
TOFF_DELAY
TIME
4664A F30
VOUT
Figure 30. TOFF_DELAY and TOFF_FALL
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com