Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 35Page - Analog Devices LTM4664 Datasheet HTML 36Page - Analog Devices LTM4664 Datasheet HTML 37Page - Analog Devices LTM4664 Datasheet HTML 38Page - Analog Devices LTM4664 Datasheet HTML 39Page - Analog Devices LTM4664 Datasheet HTML 40Page - Analog Devices LTM4664 Datasheet HTML 41Page - Analog Devices LTM4664 Datasheet HTML 42Page - Analog Devices LTM4664 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
LTM4664A
39
Rev. 0
For more information www.analog.com
UV threshold is exceeded for each output. It is possible
to feed the PGOOD_Cn pin from one LTM4664A PSM
channel into the RUN_Cn pin of the next LTM4664A
PSM channel in the sequence, especially across multi-
ple LTM4664As. The PGOOD_Cn has a 60µs filter. If the
VOUT voltage bounces around the UV threshold for a long
period of time it is possible for the PGOOD_Cn output to
toggle more than once. To minimize this problem, set the
TON_RISE time under 100ms.
If a fault in the string of rails is detected, only the faulted
rail and downstream rails will fault off. The rails in the
string of devices in front of the faulted rail will remain on
unless commanded off.
There are two ways to respond to faults; which are retry
mode and latched off mode. In retry mode, the controller
responds to a fault by shutting down and entering the inac-
tive state for a programmable delay time (MFR_RETRY_
DELAY). This delay minimizes the duty cycle associated
with autonomous retries if the fault that causes the shut-
down disappears once the output is disabled. The retry
delay time is determined by the longer of the MFR_RETRY_
DELAY command or the time required for the regulated
output to decay below 12.5% of the programmed value.
If multiple outputs are controlled by the same FAULT_Cn
pin, the decay time of the faulted output determines the
retry delay. If the natural decay time of the output is too
long, it is possible to remove the voltage requirement of
the MFR_RETRY_DELAY command by asserting bit 0
of MFR_CHAN_CONFIG. Alternatively, latched off mode
means the controller remains latched-off following a fault
and clearing requires user intervention such as toggling
RUN_Cn or commanding the part OFF then ON.
LIGHT-LOAD CURRENT OPERATION
The LTM4664A PSM Regulators have two modes of oper-
ation: high efficiency discontinuous conduction mode or
forced continuous conduction mode. Mode selection is
done using the MFR_PWM _MODE command (discon-
tinuous conduction is always the start-up mode, forced
continuous is the default running mode).
If a controller is enabled for discontinuous operation, the
inductor current is not allowed to reverse. The reverse
current comparator’s output turns off the bottom MOSFET
just before the inductor current reaches zero, preventing
it from reversing and going negative.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined solely
by the voltage on the COMP_Cn pins. In this mode, the
efficiency at light loads is lower than in discontinuous
mode operation. However, continuous mode exhibits
lower output ripple and less interference with audio cir-
cuitry, but may result in reverse inductor current, which
can cause the input supply to boost. The VIN_OV_FAULT_
LIMIT can detect this and turn off the offending channel.
However, this fault is based on an ADC read and can take
Figure 8. Event (Voltage) Based Sequencing
LTM4664A
RUN_C1
RUN_C0
PGOOD_C0
PGOOD_C1
PGOOD_C0
PGOOD_C1
START
LTM4664A
4664A F08
RUN_C0
TO NEXT CHANNEL
IN THE SEQUENCE
RUN_C1
SHUTDOWN
The LTM4664A PSM Regulators supports two shutdown
modes. The first mode is closed-loop shutdown response,
with user defined turn-off delay (TOFF_DELAY) and ramp
down rate (TOFF_FALL). The controller will maintain the
mode of operation for TOFF_FALL. The second mode is dis-
continuous conduction mode, the controller will not draw
current from the load and the fall time will be set by the
output capacitance and load current, instead of TOFF_FALL.
The shutdown occurs in response to a fault condition
or loss of SHARE_CLK (if bit 2 of MFR_CHAN_ CONFIG
is set to a 1) or VIN falling below the VIN_OFF thresh-
old or FAULT pulled low externally (if the MFR_FAULT_
RESPONSE is set to inhibit). Under these conditions, the
power stage is disabled in order to stop the transfer of
energy to the load as quickly as possible. The shutdown
state can be entered from the soft-start or active regula-
tion states or through user intervention.
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com