Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 23Page - Analog Devices LTM4664 Datasheet HTML 24Page - Analog Devices LTM4664 Datasheet HTML 25Page - Analog Devices LTM4664 Datasheet HTML 26Page - Analog Devices LTM4664 Datasheet HTML 27Page - Analog Devices LTM4664 Datasheet HTML 28Page - Analog Devices LTM4664 Datasheet HTML 29Page - Analog Devices LTM4664 Datasheet HTML 30Page - Analog Devices LTM4664 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 138 page
background image
LTM4664A
27
Rev. 0
For more information www.analog.com
4:1 DIVIDER OPERATION
Figure 3. Stage 1 MOSFET Switching Waveforms
VGS
M1
M2
M3
M4
~ 50% DUTY CYCLE
PHASE 1
PHASE 2
PHASE 1
PHASE 2
4664A F03
TS
4:1 DIVIDER DESCRIPTION
The LTM4664A incorporates a high performance 4:1
switched capacitor divider that divides down the input
voltage by a factor of four over an input voltage range of 30V
to 58V. This 4:1 divider then powers a dual 25A/30A PMBus
compliant core power rails that can regulate from 0.5V to
1.5V at up to 25A, per channel—and from 0.5V to 1.2V at
up to 30A per channel. The LTM4664A will convert this
high input range down directly to the low output voltages.
MAIN CONTROL
The LTM4664A internal 4:1 divider utilizes two constant
frequency, open loop switched capacitor/charge pump
stages for high voltage step down. The conversion effi-
ciency is very high at ~ 99% for stage 1, and ~98.6% effi-
cient for stage 2. Refer to Figure 1 for the block diagram.
In stage 1 steady state operation, the N-channel MOSFETs
M1 and M3 are turned on and off in the same phase with
around 50% duty cycle at a pre-programmed 100kHz
switching frequency. The N-channel MOSFETs M2 and
M4 are turned on and off complementary to MOSFETs M1
and M3. The gate drive waveforms are shown in Figure 3.
During phase 1, M1 and M3 are on and the flying capaci-
tor CFLY1 is in series with COUT1. During phase 2, M2 and
M4 are on and CFLY1 is in parallel with COUT1. The VOUT1
voltage is always close to half of the top voltage at the
drain of MOSFET M1 (refer to GND pin) and in steady state
and it is not sensitive to variable loads due to the very
low impedance at its output. Stage 2 operates exactly the
same way, the N-channel MOSFETs M5 and M7 are turned
on and off in the same phase with around 50% duty cycle
at a pre-programmed 300kHz switching frequency. The
N-channel MOSFETs M6 and M8 are turned on and off
complementary to MOSFETs M5 and M7. The main input
voltage rail is connected to VINS1, and VOUT1 is connected
directly into the VINS2. The LTM4664A front end divider
stages do not regulate the output voltage with a closed-
loop feedback system. However, it stops switching when
fault conditions occur, such as VOUT pin overvoltage or
undervoltage, an overcurrent event, or an over tempera-
ture protection event.
The VOUT2 (VINS1/4) is connected to the VINS3_Cn which is
the inputs to the dual 25A/30A PMBus channels. This will
be discussed in more detail in the dual 25A/30A operation
section. There is a secondary fault protection comparator
circuit that can be used to monitor VOUT2 for over voltage.
This will be discussed in more detail in the application
section. The LTM4664A can operate over a 30V to 58V
input range that does have abrupt input voltage changes
that move quicker than a few milliseconds after reaching
steady state. See the window comparator section.
INTVCCS1,2/EXTVCCS1,2 POWER
Power for the quad N-channel MOSFET drivers and most
other internal circuitry is derived from the INTVCCSn pin.
Normallyaninternal5.5VlinearregulatorsuppliesINTVCCS1,2
power from either VINS1 or VINS2 as indicated in Figure 1.
Both of these input supplies have high input voltage, and
increases power loss due to the LDO drop. An optional
external voltage source on EXTVCCS1,2 pin enables a sec-
ond 5.5V linear regulator and supplies INTVCCS1,2 power
from the EXTVCCS1,2 pin. To enable this more efficient
second regulator, VINS1,2 has to be higher than 7V and
the EXTVCCS1,2 pin voltage has to be higher than 6.5V.
Do not exceed 40V on the EXTVCCSn pin. Figure 1 shows
the VOUT2 supply (12V) connected to both EXTVCCS1 and
EXTVCCS2 to lower power loss in the LDO after startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com