Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 24Page - Analog Devices LTM4664 Datasheet HTML 25Page - Analog Devices LTM4664 Datasheet HTML 26Page - Analog Devices LTM4664 Datasheet HTML 27Page - Analog Devices LTM4664 Datasheet HTML 28Page - Analog Devices LTM4664 Datasheet HTML 29Page - Analog Devices LTM4664 Datasheet HTML 30Page - Analog Devices LTM4664 Datasheet HTML 31Page - Analog Devices LTM4664 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
FAULT PROTECTION AND THERMAL SHUTDOWN
The LTM4664A divider stages monitor system voltage,
current and temperature for faults. The stage 1 or 2 stops
switching and pulls down its FAULT pin when fault condi-
tions occur. To clear voltage faults, the VOUTn pin voltage
has to be within the programmed window around half of
the VINSn voltage or the VINSn and VOUTSn voltages must
be lower than 1V and 0.5V respectively. To clear current
faults, the voltage drop from INSNSn+ pin to INSNSn– pin
has to be lower than 50mV. To clear temperature faults,
the IC temperature has to be lower than 165°C. The FAULT
pin is allowed to be pulled up by external resistors to
voltages up to 60V. It can also be used to control discon-
nect FETs that isolates the input and output during fault
conditions. See Figure 1 block diagram.
HIGH SIDE CURRENT SENSING
For over current protection, the LTM4664A uses a sensing
resistor RSENSE to monitor the current. The sensing resis-
tor has to be placed at the drain of the very top MOSFET
M1. See Typical Application section for examples. In most
applications, the current through the sensing resistor is a
pulse current and the peak value is much higher than the
average load current. An internal RC filter on the ISENSE–
pin, with a time constant lower than switching frequency,
is used to set the precision average current protection. If
over current protection is not desired, short the ISENSE+
and ISENSE– pins together and connect them to the drain
of top MOSFET M1 directly. This is done in stage 2 since
stage 1 already monitors for current faults. See Figure 1.
FREQUENCY SELECTION
The selection of switching frequency is a trade-off
between efficiency and component size. Low frequency
operation increases efficiency by reducing MOSFET
switching losses, but requires larger capacitance to main-
tain low output ripple voltage and low output impedance.
The FREQSn pin can be used to program the controller’s
operating frequency from 100kHz to 1MHz. There is a
precision 10μA current flowing out of the FREQSn pin, so
the user can program the controller’s switching frequency
Each of these can supply a peak current of 150mA. No
matter what type of bulk capacitor is used, an additional
0.1μF ceramic capacitor placed directly adjacent to the
INTVCCSn and GND pins is highly recommended. Good
bypassing is needed to supply the high transient currents
required by the MOSFET gate drivers. These high input
voltages along with the power MOSFETs being driven at
high frequencies may cause the maximum junction tem-
perature rating for the LTM4664A to be exceeded. The
INTVCCSn current, which is dominated by the gate charge
current, may be supplied by either the 5.5V linear regu-
lator from VINSn or the linear regulator from EXTVCCSn.
When the voltage on the EXTVCCSn pin is less than 6.5V,
the linear regulator from VINSn is enabled. Power dissipa-
tion for the internal controller in this case is highest and
is equal to VINSn • IINTVCCSn. The gate charge current is
dependent on operating frequency. This is why it is highly
recommended to use the VOUT2 voltage to supply power
to the EXTVCCS1,2 pins.
START-UP AND SHUTDOWN
The LTM4664A divider stages are in shutdown mode
when their RUNS pins are pulled down and lower than
1.1V. In this mode, most internal circuitry is turned off
including the INTVCCS1,2 regulators and the 4:1 divider
consumes less than 200μA current per stage. All gates
drives are actively pulled low to turn off the external
power MOSFETs in shutdown. Releasing RUNS1,2 allows
an internal 1μA current to pull up these pins and enable
the controller stage. Once the RUNS1,2 pin raises above
1.22V, an additional 5μA is flowing out of the respective
pin. Alternately, the RUNS pin may be externally pulled
up or driven directly by logic. Do not exceed the Absolute
Maximum Rating of 6V on these pins. After RUNS1,2 pin
is released and the INTVCCS1,2 voltage passes UVLO,
then that particular stage starts up and monitors the VINn
and VOUTn voltage continuously. The LTM4664A divider
stages start switching only if the VOUTn voltage is close
to half of the VINSn voltage or both VOUTn and VINSn volt-
ages are close to GND. In voltage divider applications,
VOUT1,2 is pre-balanced to half the VINS1,2 voltage and the
LTM4664A divider stages may start up with capacitors at
different initial conditions and balancing will be invoked
if necessary.
LTM4664A
28
Rev. 0
For more information www.analog.com
4:1 DIVIDER OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com