Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 7Page - STMicroelectronics STPM10_V01 Datasheet HTML 8Page - STMicroelectronics STPM10_V01 Datasheet HTML 9Page - STMicroelectronics STPM10_V01 Datasheet HTML 10Page - STMicroelectronics STPM10_V01 Datasheet HTML 11Page - STMicroelectronics STPM10_V01 Datasheet HTML 12Page - STMicroelectronics STPM10_V01 Datasheet HTML 13Page - STMicroelectronics STPM10_V01 Datasheet HTML 14Page - STMicroelectronics STPM10_V01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
STPM10
Electrical characteristics
DocID17728 Rev 5
11/47
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fLINE
Nominal line
frequency
45
65
Hz
ILATCH
Current injection
latch-up
immunity
300
mA
Analog inputs (IIP1, IIN1, IIP2, IIN2, VIP, VIN)
VMAX.
Maximum input
signal levels
Voltage channel
-0.3
+0.3
V
Current channel,
gain 8X
-0.15
+0.15
V
Current channel,
gain 32X
-0.035
+0.035
V
fADC
A/D converter
bandwidth
10
kHz
fSPL
A/D sampling
frequency
FCLK/4
Hz
VOFF
Amplifier offset
±20
mV
ZIP
VIP, VIN
impedance
Over the total
operating voltage
range
100
400
kΩ
ZIN
IIP1, IIN1, IIP2, IIN2
impedance
Over the total
operating voltage
range
100
kΩ
GERR
Current
channels gain
error
±10
%
IVL
Voltage channel
leakage current
-1
1
μA
IIL
Current channel
leakage current
Channel disabled
(PST=0 to 1 CH2
disabled if
CSEL=0, CH1
disabled if
CSEL=1) or
device off
-1
1
μA
Input enabled
-15
15
μA
Digital I/O characteristics (SDA, CLKIN, CLKOUT, SCS, SYN, LED)
VIH
Input high
voltage
SDA, SCS, SYN,
LED
0.75 VCC
V
CLKIN
1.5
VIL
Input low
voltage
SDA, SCL, SYN,
LED
0.75 VCC
V
CLKIN
0.8
VOH
Output high
voltage
IO = -2 mA
VCC-0.4
V
VOL
Output low
voltage
IO = +2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com