Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics STPM10_V01 Datasheet HTML 27Page - STMicroelectronics STPM10_V01 Datasheet HTML 28Page - STMicroelectronics STPM10_V01 Datasheet HTML 29Page - STMicroelectronics STPM10_V01 Datasheet HTML 30Page - STMicroelectronics STPM10_V01 Datasheet HTML 31Page - STMicroelectronics STPM10_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Theory of operation
STPM10
28/47
DocID17728 Rev 5
Figure 21: STPM10 data record map
7.17
Configuration bits
All the configuration bits that control the operation of the device (CFL and CFH data
records) can be written in a temporary way. The configuration bit values are written in the
so-called volatile memory, which are simple latches that hold the configuration data until
the power is on or until a reset condition occurs (both POR and remote reset). As indicated
in the data records table, the configuration bits are 56. Each configuration bit can be written
by sending a byte command to the STPM10 through its SPI interface. The procedure to
write the configuration bits is described in Section 7.19: "SPI interface".
Table 11: Configuration bit map
Address
Name
Number
of bits
Description(1)
6-bit
binary
DEC
000000
0
1
Reserved
000001
1
MDIV
1
Measurement frequency range selection:
MDIV=0: 4.000 MHz to 4.194 MHz
MDIV=1: 8.000 MHz to 8.192 MHz
000010
2
RC
1
Type of internal oscillator selection:
RC = 0:crystal oscillator
RC = 1:RC oscillator
000011
3
1
Reserved
000100
4
1
Reserved
000101
5
PST
1
Current channel sensor type and gain:
if TMP=0
PST=0: primary is CT X8, secondary is not used, no tamper
PST=1: primary is shunt X32, secondary is not used, no
tamper
if TMP=1
PST=0: primary is CT X8, secondary is CT X8, tamper
PST=1: primary is CT X8, secondary is shunt X32, tamper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com