Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 18Page - STMicroelectronics STPM10_V01 Datasheet HTML 19Page - STMicroelectronics STPM10_V01 Datasheet HTML 20Page - STMicroelectronics STPM10_V01 Datasheet HTML 21Page - STMicroelectronics STPM10_V01 Datasheet HTML 22Page - STMicroelectronics STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Theory of operation
STPM10
22/47
DocID17728 Rev 5
Table 8: No-load detection thresholds
LTCH
KLTCH
0
800
1
1600
2
3200
3
6400
7.8
Error detection
In addition to the no-load condition and the line frequency band, the integration of power
can also be suspended due to an error detected on the source signals. There are two kinds
of error-detection circuits involved. The first
checks all the ΣΔ signals from the analog part if
any is stacked at 1 or 0 within the 1/128 of fCLK period of observation. In case of a detected
error, the corresponding ΣΔ signal is replaced with an idle ΣΔ signal, which represents a
constant value of 0. All error and other resolved flags are treated as bits of a device status
and can be read out by means of the SPI interface. Another error condition occurs if LED
pin output signals are different from the internal signals that drive them. This can occur if
some of these pins are forced to GND or to some other imposed voltage value. In this
case, the internal status bit PIN is activated, providing the information that some hardware
problem has been detected.
7.9
Tamper detection module
The STPM10 measures the current in both live and neutral wire with a time domain
multiplexing approach on a unique sigma delta modulator. This mechanism is adopted to
implement anti-tamper function. If this function is selected (see Table 7: "Configuration of
current sensors"), the live and neutral wire currents are monitored; when the difference
between the two measurements exceeds a rated threshold, the STPM10 enters the
"tamper state", while in "normal state" the two measurements are below the threshold. In
particular, both channels are not observed all the time, rather a time multiplex mechanism
is used. During the observation time of each channel, its active energy is calculated. A
tamper condition occurs when the absolute value of the difference between the two active
energy values is greater than a certain percentage of the averaged energy during the
activated tamper module (see equation below). This percentage value can be selected
between two different values (12.5% and 6.25%) according to the value of the configuration
bit CRIT. The tamper condition is detected when the following formula is satisfied:
Equation 1:
EnergyCH1 - EnergyCH2 > KCRIT (EnergyCH1 + EnergyCH2)/2
where KCRIT can be 12.5% or 6.25%.
The detection threshold is much higher than the accuracy difference of the current
channels, which should be less than 0.2 %, but, some headrooms should be left for
possible transition effect, due to accidental synchronism of actual load current change with
the rhythm of taking the energy samples. The tamper circuit works if the energies
associated with the two current channels are both positive or negative, if the two energies
have different sign, the tamper is on all the time however, the channel with the associated
higher power is selected for the final computation of energy. When internal signals are not
good enough to perform the calculations, i.e. line period is out or range or ΔΣ signals from
analog section are stacked at high or low logic level, or no-load condition is activated, the
tamper module is disabled and its state is preset to normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com