Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 20Page - STMicroelectronics STPM10_V01 Datasheet HTML 21Page - STMicroelectronics STPM10_V01 Datasheet HTML 22Page - STMicroelectronics STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics STPM10_V01 Datasheet HTML 27Page - STMicroelectronics STPM10_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Theory of operation
STPM10
24/47
DocID17728 Rev 5
current transformer (CT). These phase errors can vary from part to part, and they must be
corrected in order to perform accurate power calculations. The errors associated with
phase mismatch are particularly noticeable at low power factors. The STPM10 can
calibrate these small phase errors by introducing delays on the voltage or current signal.
The amount of phase compensation can be set using the 4 bits of the phase calibration
register (CPH). The default value of this register is at a value of 0, which gives 0 ° phase
compensation. When the 4 bits give a CPH of 15 (1111) the compensation introduced is
+0.576 °. This compensates the phase shift usually introduced by the current sensor, while
the voltage sensor, normally a resistor divider, does not introduce any delay. The resolution
step of the phase compensation is 0.038 °.
7.11
Clock generator
All the internal timing of the STPM10 is based on the CLKOUT signal. This signal can be
generated in three different ways:
1.
RC: this oscillator mode can be selected using the RC configuration bit. If RC = 1, the
STPM10 runs using the RC oscillator. A resistor connected between CLKIN and
ground sets the RC current. For 4 MHz operation, the recommended settling resistor
is 12 kΩ. The oscillator frequency can be compensated using the CRC configuration
bit.
2.
Quartz: If RC = 0, the oscillator works with an external crystal. The recommended
circuit is depicted in the figure below (b).
3.
External clock: by keeping RC=0, it is also possible to feed the CLKOUT pin with an
external oscillator signal.
Figure 20: Different oscillator circuits with (a) quartz, (b) internal oscillator, (c) external source
The clock generator is powered from an analog supply and is responsible for two tasks.
The first is to retard the turn-on of some function blocks after POR in order to help smooth
the start of the external power supply circuitry by keeping off all major loads. The second
task of the clock generator is to provide all necessary clocks for the analog and digital
parts. During this task, the MDIV configuration bit is used to inform the device about the
nominal frequency value of CLKOUT. Two nominal frequency ranges are expected to be
from 4.000 MHz to 4.194 MHz (MDIV = 0) or from 8.000 MHz to 8.192 MHz (MDIV = 1).
7.11.1
RC start-up procedure
To use the device with RC oscillator the configuration bit RC (see Table 11: "Configuration
bit map") must be set. Since the default configuration is for a crystal oscillator, when an RC
oscillator is used instead and the device is supplied for the very first time it is not internally
clocked and consequently the DSP is inactive. In this condition it is not possible to set RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com