Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 19Page - STMicroelectronics STPM10_V01 Datasheet HTML 20Page - STMicroelectronics STPM10_V01 Datasheet HTML 21Page - STMicroelectronics STPM10_V01 Datasheet HTML 22Page - STMicroelectronics STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics STPM10_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
23/47
7.9.1
Detail operational description
The meter is initially set to normal state, i.e. tamper not detected. In this condition the
primary channel is selected for final integration of energy. In such state the values of both
load currents should not differ more than the accuracy difference of the channels does.
Sixty-four periods of line voltage is used as a tamper checking period. After 24 periods of
line voltage two internal signals MUX and INH are changed in order to enable secondary
current channel and to freeze the last power and RMS values of primary current channel.
The following 16 periods of line frequency are used for tamper detection integration. During
this gap, the final energy calculation does not use the signal from selected channel but the
frozen values. Four line periods after the INH switch, the integration of power from
secondary current channel is started and lasts four periods. Additional four line periods
later MUX signal is switched back to primary current channel and the integration for tamper
detection is started. The timings of MUX and INH signals are shown in the figure below.
Figure 18: Timings of tamper module - primary channel selected
When the secondary channel is selected to be integrated by the final energy integrator, the
MUX and INH signals change according to the figure below.
Figure 19: Timings of tamper module - secondary channel selected
This means that energy of four periods from secondary channel followed by energy of four
periods from primary channel is sampled within the tamper module. From these two
samples, called B and A respectively, the criteria of tamper is calculated and the channel
with higher current is selected, resulting in a new tamper state. If four consecutive new
results of criteria happen, i.e. after elapsed 5.12 s at 50 Hz, the meter enters into tamper
state. Thus, the channel with the higher current is selected for the energy calculation. If
samples of power A and B had different signs, the tamper would be on all the time but, the
channel with bigger power would be still selected for the final integration of energy. If a
tamper status has been detected, the multiplex ratio is 56:8 if the primary channel energy is
greater than the secondary one, otherwise it is 8:56. The detected tamper condition is
stored in the BIT status bit. If BIT = 0 tamper is not detected, if BIT = 1 a tamper condition
has been detected. In standalone mode the BIT flag is also available in the SDATD pin.
7.10
Phase compensation
The STPM10 does not introduce any phase shift between the voltage and current channel.
However, the voltage and current signals come from transducers, which could have
inherent phase errors. For example, a phase error of 0.1 ° to 0.3 ° is not uncommon for a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com