Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 10Page - STMicroelectronics STPM10_V01 Datasheet HTML 11Page - STMicroelectronics STPM10_V01 Datasheet HTML 12Page - STMicroelectronics STPM10_V01 Datasheet HTML 13Page - STMicroelectronics STPM10_V01 Datasheet HTML 14Page - STMicroelectronics STPM10_V01 Datasheet HTML 15Page - STMicroelectronics STPM10_V01 Datasheet HTML 16Page - STMicroelectronics STPM10_V01 Datasheet HTML 17Page - STMicroelectronics STPM10_V01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Typical performance characteristics
STPM10
14/47
DocID17728 Rev 5
6
Typical performance characteristics
Figure 3: Supply current vs. supply voltage,
TA = 25 °C (f = 4.194 MHz, 8.192 MHz)
Figure 4: RC oscillator frequency vs. VCC,
R = 12 kΩ, TA = 25 °C
Figure 5: RC oscillator: frequency jitter vs.
temperature
Figure 6: Analog voltage regulator: line - load
regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com