Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 28Page - STMicroelectronics STPM10_V01 Datasheet HTML 29Page - STMicroelectronics STPM10_V01 Datasheet HTML 30Page - STMicroelectronics STPM10_V01 Datasheet HTML 31Page - STMicroelectronics STPM10_V01 Datasheet HTML 32Page - STMicroelectronics STPM10_V01 Datasheet HTML 33Page - STMicroelectronics STPM10_V01 Datasheet HTML 34Page - STMicroelectronics STPM10_V01 Datasheet HTML 35Page - STMicroelectronics STPM10_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Theory of operation
STPM10
32/47
DocID17728 Rev 5
The internal registers are not directly accessible. Instead, 32 bits of transmission latches
are used to pre-load the data before being read or written to the internal registers. The
condition in which SCS, SYN and SCL inputs are set to high level determines the idle state
of the SPI interface, and no data transfer occurs.
SCS: enables SPI operation when low
SYN: operates different functions according to the status of the SCS pin. When SCS is
low, the SYN pin status selects if the SPI is in read (SYN = 1) or write mode (SYN =
0). When the SCS is high and SYN is also high, the results of the input or output data
are transferred to the transmission latches
SCL: basically the clock pin of the SPI interface. This pin function is also controlled by
the SCS status. If SCS is low, SCL is the input of the serial bit synchronization clock
signal. When SCS is high, SCL is also high, causing the idle state of the SPI
SDA: the data pin. If SCS is low, the operation of SDA is dependent on the status of
the SYN pin. If SYN is high, SDA is the output of the serial bit data (read mode). If
SYN is low, SDA is the input of the serial bit data signal (write mode). If SCS is high,
SDA is the input of the idle signal. Any pin above has an internal weak pull-up
mechanism of nominal 15 μA. This means that when a pin is not forced by external
signals, the state of the pin is logic high. A high state of any input pin described above
is considered an idle (not active) state. To let SPI operate correctly, the STPM10 must
be correctly supplied as described in Section 7.6: "Power supply"
An idle state of the SPI module is recognized when the signals of pins SYN, SCS, SCL and
SDA are in a logic high state. Any SPI operation should start from this idle state. When
SCS is active (low), signal SDATD should change its state at trailing edge of signal
SCLNLC and the signal SDATD should be stable at next leading edge of signal SCLNLC.
The first valid bit of SDATD always starts together with activation of signal SCLNLC.
7.20
Remote reset
The timing diagram of this operation is shown in the figure below. The time step can be as
short as 30 ns. The internal reset signal is called RRR. Unlike the POR, the RRR signal
does not cause the 30 ms delayed restart of the analog module, and the 120 ms delay in
the restart of the digital module. This signal does not clear the mode signals.
Figure 22: Timing to provide remote reset request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com