Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 37Page - STMicroelectronics STPM10_V01 Datasheet HTML 38Page - STMicroelectronics STPM10_V01 Datasheet HTML 39Page - STMicroelectronics STPM10_V01 Datasheet HTML 40Page - STMicroelectronics STPM10_V01 Datasheet HTML 41Page - STMicroelectronics STPM10_V01 Datasheet HTML 42Page - STMicroelectronics STPM10_V01 Datasheet HTML 43Page - STMicroelectronics STPM10_V01 Datasheet HTML 44Page - STMicroelectronics STPM10_V01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
41/47
Calibrator value
KV = KI = 0.875
CI = CV = 128
In this way, KV and KI are tuned to obtain a precise measurement: for example CV = 0
generates a correction factor of -12.5% (KV = 0.75) and CV = 255 determines a correction
factor of +12.5% (KV = 1), and so on.
Based on the above, the following formulas relating to KV,I and CV,I are obtained:
KV,I = (CV,I / 128) · 0.125 + 0.75
CV,I = 1024 · KV,I - 768
The calibration procedure outputs CV and CI values, which allow the above power
sensitivity of the meter. This sensitivity is used to calculate target frequency at the LED pin
for nominal voltage and current values:
XF = f · 64
with:
f = PM · In · Vn / 3600000
From the values above and for both chosen amplification factor AI = 32 and initial
calibration data, the following target values can be calculated:
Target RMS reading for a given In:
XI = In · KS · AI · KI · GINT · GDF · GDIF · BI / (VBG · 1000) = 1573
Target RMS reading for a given Vn:
XV = f · BV · BI · DUD / (fM · XI) = 852
The output of the voltage divider is then:
VDIV = (XV · VBG)/ (2 · GDIF · AV · KV · GDF · GINT · BV) = 145.6 mV
Choosing R2
= 500 Ω (connected between VI and VSS), the R1 resistor (connected between
VLINE and VIP) value is obtained:
R1 = R2 · (Vn - VDIV) / VDIV
= 789.3 Ω
Indicating, with IA and VA, the real readings on the STPM10 RMS voltage and current
registers, and with XI and XV ideal values of RMS current and voltage readings already
calculated, the final values for calibrators can be calculated as:
XV = (Kv · VA) / 0.875
XI = (Ki · IA) / 0.875
If the computed final calibration data falls out of the calibration data range, the energy
meter should be recognized as bad, or the given presumptions and calculations above
should be checked. Otherwise, if the final data of the calibrators is written into the energy
meter, the RMS readings should be very close to the target values I and V, and the
frequency of the LED output should be very close to the target value f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com