Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 16Page - STMicroelectronics STPM10_V01 Datasheet HTML 17Page - STMicroelectronics STPM10_V01 Datasheet HTML 18Page - STMicroelectronics STPM10_V01 Datasheet HTML 19Page - STMicroelectronics STPM10_V01 Datasheet HTML 20Page - STMicroelectronics STPM10_V01 Datasheet HTML 21Page - STMicroelectronics STPM10_V01 Datasheet HTML 22Page - STMicroelectronics STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Theory of operation
STPM10
20/47
DocID17728 Rev 5
stopped (no LIN trailing edge) this means that the base frequency is lower than fCLK/217 Hz
and a BFR (base frequency range) error flag is set.
Figure 16: LIN and BFR signals
If the number of pulses counted between two trailing edges of LIN is lower than 213, the
base frequency exceeds the limit (this means it is higher than fCLK/215). In this case, the
error must be repeated three consecutive times in order to set the BFR error flag. For
example, with a 4.194304 MHz oscillator frequency and MDIV bit clear (or 8.192 MHz with
MDIV set), fCLK/4 is 1.048576 MHz. If the line frequency is 30 Hz, the counted fCLK/4 pulses
between two LIN trailing edges are 34952, more than 215 (32768 pulses). The BFR low
frequency limit is as follows:
fCLK/217 = 4194304/131072 = 32 Hz
With the same clock frequency, if the line frequency is 130 Hz, the fCLK/4 pulses between
two LIN trailing edges are 8066, less than 213 (8192). The BFR high frequency limit is
then:
fCLK/215 = 4194304/32768 = 128 Hz
The BFR flag is also set if the register value of the RMS voltage drops below 64. BFR is
cleared when the register value goes above 128. The BFR, then, also gives information
about the presence of the line voltage within the meter. When the BFR error is set, the
computation of power is zero unless the FRS bit is set. In fact, the effect of the BFR bit can
be overridden by setting FRS configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com