Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 8Page - STMicroelectronics STPM10_V01 Datasheet HTML 9Page - STMicroelectronics STPM10_V01 Datasheet HTML 10Page - STMicroelectronics STPM10_V01 Datasheet HTML 11Page - STMicroelectronics STPM10_V01 Datasheet HTML 12Page - STMicroelectronics STPM10_V01 Datasheet HTML 13Page - STMicroelectronics STPM10_V01 Datasheet HTML 14Page - STMicroelectronics STPM10_V01 Datasheet HTML 15Page - STMicroelectronics STPM10_V01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Electrical characteristics
STPM10
12/47
DocID17728 Rev 5
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IUP
Pull-up current
15
μA
tTR
Transition time
CLOAD = 50 pF
10
ns
Crystal oscillator
II
Input current on
CLKIN
1
μA
RP
External resistor
1
4
MΩ
Cp
External
capacitors
22
pF
fCLK
Nominal output
frequency
4.00
4.194
MHz
8.00
8.192
ICLKIN
Settling current
fCLK = 4 MHz
40
60
μA
RSET
Settling resistor
12
kΩ
tJIT
Frequency jitter
1
ns
On-chip reference voltage
VREF
Reference
voltage
1.23
V
Reference
accuracy
±1
%
TC
Temperature
coefficient
After calibration
30
50
ppm/°C
SPI interface timing
FSCLKr
Data read speed
After calibration
32
MHz
FSCLKw
Data write
speed
100
MHz
tDS
Data set-up time
20
ns
tDH
Data hold time
0
ns
tON
Data driver on
time
20
tOFF
Data driver off
time
20
tSYN
SYN active
width
2/fCLK
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com