Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 35Page - STMicroelectronics STPM10_V01 Datasheet HTML 36Page - STMicroelectronics STPM10_V01 Datasheet HTML 37Page - STMicroelectronics STPM10_V01 Datasheet HTML 38Page - STMicroelectronics STPM10_V01 Datasheet HTML 39Page - STMicroelectronics STPM10_V01 Datasheet HTML 40Page - STMicroelectronics STPM10_V01 Datasheet HTML 41Page - STMicroelectronics STPM10_V01 Datasheet HTML 42Page - STMicroelectronics STPM10_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
39/47
The reactive power, then, presents a ripple at twice the line frequency. Since the average
value of a sinusoid is 0, this ripple does not contribute to the reactive energy calculation
over time. Moreover, in the STPM10 the reactive power is not used for meter calibration or
to generate the stepper pulses, so this ripple does not affect the overall system
performance.
7.23.3
Apparent power and RMS values
The RMS values are calculated starting from the following formulas:
Equation 18:
1
����
����2
����
0
(����)�������� =
����
ω⋅√2
Multiplying the equation abov
e by ω, the IRMS value is obtained:
Equation 19:
���������������� =
����
√2
The RMS voltage value is obtained by:
Equation 20:
���������������� = √
1
����
����2
����
0
(����)�������� =
����
√2
For the apparent power, another value is produced:
Equation 21:
1
����
∫ ����2
����
0
(����)�������� =
���� ⋅ ω
√2
Multiplying equation 18 and equation 21, the apparent power is produced:
Equation 22:
���� =
����
����∙√2
����⋅ω
√2
=
��������
2
The DSP performs the integration of the computed powers into energies. These integrators
are implemented as up/down counters and they can roll over. 20-bit output buses of the
counters are assigned as the most significant part of the energy data records. An
application reads the counters at least every second, to avoid missing any rollover.
7.24
STPM10 calibration
Energy meters based on the STPM10 device can be calibrated in a fast and simple way.
The calibration is essentially based on the single calibration of the voltage and current
channel considering their RMS values rather than on the frequency of the output pulse
signal. When two channels are calibrated, all other measurements are calibrated too. This
allows the calibration to be performed in only one point, thereby shortening the production
time of the meter. This procedure is possible due to the following key factors:
The device comprises two independent meter channels for line voltage and current,
respectively. Each channel includes its own digital calibrator, to adjust the RMS in the
range of ±12.5% in 256 steps, and a digital filter, to remove any signal DC component.
None of the final results are subject to the calibration procedure because they are
achieved from such corrected signals by mathematical modules implemented by
hardwired DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com