Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 9Page - STMicroelectronics STPM10_V01 Datasheet HTML 10Page - STMicroelectronics STPM10_V01 Datasheet HTML 11Page - STMicroelectronics STPM10_V01 Datasheet HTML 12Page - STMicroelectronics STPM10_V01 Datasheet HTML 13Page - STMicroelectronics STPM10_V01 Datasheet HTML 14Page - STMicroelectronics STPM10_V01 Datasheet HTML 15Page - STMicroelectronics STPM10_V01 Datasheet HTML 16Page - STMicroelectronics STPM10_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
STPM10
Terminology
DocID17728 Rev 5
13/47
5
Terminology
5.1
Measurement error
The error associated with the energy measurement made by the STPM10 is defined as:
percentage error = [STPM10 (reading) - true energy] / true energy.
5.2
ADC offset error
This is the error due to the DC component associated with the analog inputs of the A/D
converters. Due to the internal automatic DC offset cancellation, the STPM10
measurement is not affected by DC components in the voltage and current channel. The
DC offset cancellation is implemented in the DSP.
5.3
Gain error
The power section is implemented with an avalanche ruggedness N-channel MOSFET,
which guarantees safe operation within the specified energy rating as well as high dv/dt
capability. The power section has a BVDSS of 800 V min. and a typical RDS(on)
of 20 Ω
at 25 °C.
The integrated SenseFET structure allows a virtually loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the Power section cannot be turned on
accidentally.
5.4
Power supply DC and AC rejection
This parameter quantifies the STPM10 measurement error as a percentage of the reading
when the power supplies are varied. With reference to the PSRRAC measurement, a
reading at two nominal supply voltages (3.3 and 5 V) is taken. A second reading is
obtained with the same input signal levels when an AC (200 mVRMS/100 Hz) signal is
introduced on the supplies. Any error introduced by this AC signal is expressed as a
percentage of the reading. Concerning the PSRRDC measurement, a reading at two
nominal supply voltages (3.3 and 5 V) is taken. A second reading is obtained with the same
input signal levels when the supplies are varied ± 10%. Any error introduced is again
expressed as a percentage of the reading.
5.5
Conventions
The lowest analog and digital power supply voltage is called VSS, which represents system
ground (GND). All voltage specifications for digital input/output pins are referred to GND.
Positive currents flow into a pin. Sinking current refers to the current flowing into the pin,
and thus it is positive. Sourcing current means that the current is flowing out of the pin, so it
is negative. Timing specifications of signals treated by the digital control part are relative to
CLKOUT. This signal is provided by the 4.194 MHz nominal-frequency crystal oscillator or
from the internal RC oscillator. An external source of 4.194 MHz or 8.192 MHz can also be
used. Timing specifications of signals from the SPI interface are relative to the SCL, and
there is no direct relationship between the clock (SCL) of the SPI interface and the clock of
the DSP block. A positive logic convention is used in all equations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com