Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics STPM10_V01 Datasheet HTML 27Page - STMicroelectronics STPM10_V01 Datasheet HTML 28Page - STMicroelectronics STPM10_V01 Datasheet HTML 29Page - STMicroelectronics STPM10_V01 Datasheet HTML 30Page - STMicroelectronics STPM10_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
27/47
Bit #
Name
Description
Conditions
range
BFR = 1: line frequency out of range
3
BIT
Tamper condition
BIT = 0: tamper not detected
BIT = 1: tamper detected
4
MUX
Current channel
selection
MUX = 0: primary current channels selected by the
tamper module
MUX = 1: secondary current channels selected by the
tamper module
5
LIN
Trend of the line
voltage
LIN = 0: line voltage going from the minimum to the
maximum value. (dv/dt > 0)
LIN = 0: line voltage going from the minimum to the
maximum value. (dv/dt > 0)
6
PIN
Output pin check
PIN = 0: output pins are consistent with the data
PIN = 1: output pins are different from the data, this
means an output pin is forced to 1 or 0
7
HLT
Data validity
HLT = 0: data records reading are valid
HLT = 1: data records are not valid. A reset occurred and
a restart is in progress
All these signal can be read through the SPI interface.
7.16
Programming the STPM10
7.16.1
Data records
The STPM10 has 8 internal data record registers. Every data record consists of a 4-bit
parity code and 28-bit data value where the parity code is computed from the data value,
which makes a total of 32 bits, or 4 bytes. Figure below shows the data record structure
with the name of the contained information. Each bit of parity nibble is defined as odd parity
of all seven corresponding bits of data nibbles. The first 6 registers are read-only, except
for the 8-bit mode signals in the DFP register (the mode signals are described later in this
paragraph). The last two registers are CFL and CFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com