Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPM10_V01 Datasheet HTML 22Page - STMicroelectronics STPM10_V01 Datasheet HTML 23Page - STMicroelectronics STPM10_V01 Datasheet HTML 24Page - STMicroelectronics STPM10_V01 Datasheet HTML 25Page - STMicroelectronics STPM10_V01 Datasheet HTML 26Page - STMicroelectronics STPM10_V01 Datasheet HTML 27Page - STMicroelectronics STPM10_V01 Datasheet HTML 28Page - STMicroelectronics STPM10_V01 Datasheet HTML 29Page - STMicroelectronics STPM10_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Theory of operation
STPM10
26/47
DocID17728 Rev 5
case in which the LED pin is configured to be driven from internal signal AW (active
energy) whose frequency is proportional to the active energy. The signal AW is taken from
the 11th bit of the active energy register, and consequently a relationship between the LSB
value of the active energy register and the number of pulses provided per each kWh (P)
can be defined as:
Equation 2:
�������� =
1000
211 ⋅ ����
[����ℎ]
Due to the innovative and proprietary power calculation algorithm, the frequency signal is
not affected by any ripple at twice the line frequency. This feature strongly reduces the
calibration time of the meter. In a practical example where the desired P is 64000
pulses/kWh (=17.7 Hz*kW), we have:
Equation 3:
kAW = 7.63*10-6 Wh
This means that the reading of 0x00001 in the active energy register represents 7.63 μWh,
while 0xFFFFF represents 8 Wh. The LED pin can be driven from AW (active energy wide
band), AF (active energy limited at fundamental), RW (reactive energy) or SW (apparent
energy) according to the value of the KMOT bit. In this case, since the LED pin is driven by
different signals from that of AW, some other relationship between the LSB of the register
and the number of pulses per kWh provided by the meter (P) must be defined as follows:
Equation 4:
kAF = 4*kAW [Wh]
kRW = 2*kAW [VARh]
kSW = kAW [VAh]
Table 9: LED pin configuration
KMOT (2 bits)
Signal available on LED pin
Number of pulses
0
AW Type0*
P [kWh]
1
AF Type1*
P [kWh]
2
RW
P [kVARh]
3
SW
P [kVAh]
7.15
Status bit
The STPM10 includes 8 status bits, which provide information about the current status of
the meter. The status bits are the following:
Table 10: Status bit description
Bit #
Name
Description
Conditions
0
BIL
No-load condition
BIL = 0: no-load condition not detected
BIL = 1: no-load condition detected
1
BCF
ΣΔ signals status
BCF = 0: ΣΔ signals active
BCF = 1: one or both ΣΔ signals are stacked
2
BFR
Line frequency
BFR = 0: line frequency within the 45 Hz - 65 Hz range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com