Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 28 of 59
sourced from VDDH (see Figure 86). Only one of the sources
can be on at one time. The source can be selected via EX_
CURRENT_SEL.
EX_CURRENT_SEL[1:0]
EX_CURRENT[3:0]
IOUT_HV
IOUT_LV
VDDH
AVDD
Figure 86. Excitation Current Configuration
The excitation currents can be programmed to a value from
100 μA to 1.5 mA in increments of 100 μA. The current output
is controlled via EX_CURRENT.
EXTERNAL CLOCK SYNCHRONIZATION
The ADA4254 uses an internal 1 MHz master clock. The
master clock is used to derive the 125 kHz chopping clock used
by the internal amplifiers. Either clock can be brought out on
the GPIO4 pin to allow synchronization of external systems.
Use the following procedure to enable the external clock
synchronization feature:
1.
Configure GPIO4 as an output by setting Bit 4 in the
GPIO_DIR register to 1.
2.
Enable the internal oscillator output special function by
setting the INT_CLK_OUT bit to 1 and the EXT_CLK_
IN bit to 0 in the SF_CFG register.
3.
To output the 125 kHz clock, set the CLK_OUT_SEL bit in
the SYNC_CFG register to 1. To output the 1 MHz clock,
set the CLK_OUT_SEL bit to 0.
The ADA4254 can alternatively be configured to accept an
external clock on GPIO4. The ADA4254 allows external clocks
ranging from 1 MHz up to 32 MHz. In the case of an external
clock that is higher than 1 MHz, the input clock must be divided
down to 1 MHz using the internal clock divider. The edge on
which the ADA4254 synchronizes can also be configured.
Use the following procedure to configure the ADA4254 to
accept an external clock on GPIO4:
1.
Configure GPIO4 as an input by setting Bit 4 in the
GPIO_DIR register to 0.
2.
Set the EXT_CLK_IN bit to 1 and ensure that the
INT_CLK_OUT bit is set to 0 in the SF_CFG register.
3.
Depending on the frequency of the input clock, configure
the internal clock divider value such that the resulting clock is
1 MHz. The internal clock divider value is controlled by
the SYNC bits in the SYNC_CFG register.
4.
For synchronizing on the rising edge, set the SYNC_POL bit
in the SYNC_CFG register to 1. For synchronizing on the
falling edge, set SYNC_POL to 0.
To maintain the performance of the ADA4254, the external
clock must in the specified range. The quality of the clock used
may affect the device performance. Prevent any overshoot or
undershoot on the clock used, and provide an equal rise and fall
to minimize the impact on the offset voltage.
SEQUENTIAL CHIP SELECT (SCS)
SCS is one of the special functions on the ADA4254 that can be
configured on the GPIO pins. This mode simplifies isolation
requirements by allowing multiple slave devices to communicate
over the SPI using a single host chip select (CS) line. This
communication also supports CRC checksums transparently.
A GPIO is configured for SCS by first setting the GPIO as an
output using a GPIO_DIR bit, and then setting the respective
bit in the SCS register. Configuring a GPIO for SCS mode is
blocked if the GPIO is already configured for another function
from the special functions register, SF_CFG.
When using SCS, the CS signal from the SPI host controller is
provided to the ADA4254 CS pin. The serial data input (SDI),
serial data output (SDO), and serial clock (SCLK) are shared
connections with other SPI devices. The ADA4254 SDO pin
supports tristate operation. Slave SDO pins can be directly
connected to SDO if the slave pins support tristate operation.
For slave devices with SDO pins that do not support tristate
operation, an OR gate can be used to combine the SDO signals.
If external logic is used to combine SDO lines, pull-down or
pull-up resistors are recommended to avoid floating logic gate
inputs. Figure 87 and Figure 88 show typical implementations. It
is recommended to place pull-up resistors on the GPIOs
configured in SCS mode to prevent any unintended
communication with slave devices when configuring the ADA4254
in SCS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com