Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 36 of 59
APPLICATIONS INFORMATION
INPUT AND OUTPUT OFFSET VOLTAGE AND
NOISE
The offset voltage of the ADA4254 has two main components:
the input offset voltage due to the input amplifiers and the output
offset due to the output amplifier. The total offset voltage RTI is
found by dividing the output offset by the programmed gain
and adding to the input offset voltage. At high gains the input
offset voltage dominates, whereas at low gains the output offset
voltage dominates. The total offset voltage is
Total Input Offset Voltage (RTI) =VOSI + (VOSO/GAIN)
Total Output Offset Voltage (Referred to Output (RTO)) =
VOSI × Gain + VOSO
The preceding equations can also be used to calculate the offset
drift in a similar manner.
The ADA4254 has extremely low input offset voltage long-term
drift, as shown in Figure 100. This high level of stability is due to
the zero drift architecture of the ADA4254 amplifiers. This
testing is performed at 25°C with the ADA4254 devices
submerged in an oil bath.
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
500
1500
2000
2500
3000
3500
4000
4500
1000
TIME (Hours)
N = 20 UNITS
NORMALIZED AT HOUR 0
Figure 100. Input Offset Voltage Long-Term Drift
The noise of the ADA4254 behaves similarly to the voltage
offset. There are two components: the input voltage noise due
to the input amplifiers and the output voltage noise due to the
output amplifiers. The total noise RTI is found by dividing the
output voltage noise by the programmed gain and root-sum-
squaring with the input voltage noise. At high gains the input
voltage noise dominates, whereas at low gains the output
voltage noise dominates. The total voltage noise is
Total Input Voltage Noise (RTI) =
2
2
no
ni
e
e
Gain

 

Total Output Voltage Noise (RTO) =
22
()
(
)
ni
no
eGain
e

ADC CLOCK SYNCHRONIZATION
The ADA4254 incorporates several clock synchronization
features that allow the internal clock to be synchronized with
other circuitry, such as an ADC. Synchronizing the system
filters residual ripple due to the internal chopping of the
ADA4254. When using these synchronization features, GPIO4
is configured to accept an external clock signal or output one of
the internal clock signals.
When an external clock is provided to the AD4254, an on-chip
clock divider is configured via SYNC to achieve a nominal 1 MHz
clock. The 1 MHz clock is further divided by 8 to 125 kHz and
controls the device chopping. The chopping clock edges can be
configured to coincide with either the rising or falling edges of
the provided clock via SYNC_POL. This configuration is
recommended for ADC synchronization.
Alternatively, the internal clock can be output to GPIO4 so that
other circuits can use it. Either 1 MHz or 125 kHz can be
selected via CLK_OUT_SEL.
When ADA4254 is driving the AD4007 1 MSPS successive
approximation register (SAR) ADC as shown in Figure 101, the
recommended configuration is to provide the convert signal to
the ADA4254 as a clock input. In this case, SYNC is set to 0b000
because the CNV period is 1 μs. Set SYNC_POL to 1 to synchro-
nize the chopping clock to the rising edge of the CNV signal.
When configured in this way, the output of the ADA4254 has
the maximum time to settle after a chopping edge and
chopping edges do not occur during the ADC conversion
phase. It is recommended to enable the high-Z mode of the
AD4007 to maximize system performance.
When the ADA4254 is driving the AD7768 Σ-Δ ADC as shown
in Figure 102, the recommended configuration is to provide the
internal 32 MHz clock of the AD7768 to the ADA4254 as a clock
input. In this case, SYNC is set to 0b101 to divide 32 MHz
down to 1 MHz for the ADA4254. The SYNC setting has no
impact on performance with Σ-Δ converters due to the way the
converters operate internally. When driving the AD7768
directly with the ADA4254, enable the internal buffers of the
AD7768. Alternatively, a dedicated ADC driver/amplifier can be
configured between the ADA4254 and the AD7768.
In both configurations, it is recommended that two reads from
the M_CLK_CNT register are performed to ensure that the
master clock counter is incrementing, indicating that the
ADA4254 is receiving an external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com