Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4254ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 7 of 59
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
THD
VOUT = 8 V p-p at frequency = 1 kHz
G = 1 V/V
−104
dB
G = 8 V/V
−96
dB
G = 128 V/V
−80
dB
Input Overload Recovery Time
Input voltage (VIN) = 56 V p-p
40
μs
Output Overload Recovery
Time
G = 1 V/V, VIN = 10 V p-p
6
μs
EXCITATION CURRENT SOURCES
(IOUT_LV/IOUT_HV)
Output Current Range
100
1500
μA
Initial Tolerance
±3
±10
%
Drift
TA = −40°C to +105°C
±200
ppm/°C
Current Matching
±3
±8
%
Drift Matching
TA = −40°C to +105°C
±50
ppm/°C
WIRE BREAK CURRENTS
Output Current Range
0.25
16
μA
Impedance Threshold
(VDDH − 4)/IWB4
Ω
Initial Tolerance
±12
%
Drift
TA = −40°C to +105°C
±250
ppm/°C
DIGITAL INPUTS
Low (VINL)
0
0.8
V
High (VINH)
0.6 × DVDD
DVDD
V
Digital Input Pin Capacitance
5
pF
DIGITAL OUTPUT
Low (VOL)
Sinking 4 mA
0.7
V
High (VOH)
Sourcing 2 mA
DVDD − 0.8
V
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
0.8
1
1.2
MHz
Duty Cycle
50
%
Internal Clock Divider Range
1
32
MHz/
MHz
POWER SUPPLY
VDDH − VSSH
10
56
V
AVDD − AVSS
2.7
5
V
DVDD − DVSS
2.7
5
V
IVDDH
600
765
μA
IVSSH
780
985
μA
IDVDD
DVDD = 3 V
150
205
μA
IAVDD
980
1305
μA
Static Power Dissipation
DVDD = 3 V, VSSH = −28 V, VDHH = 28 V
44
56
mW
DVDD = 3 V, VSSH = −15 V, VDDH = 15 V
26
34
mW
DVDD = 3 V, VSSH = −12 V, VDDH = 12 V
22
28
mW
1 Guaranteed by design. These specifications are not production tested but are supported by characterization data at the initial product release.
2 For gains less than 1/2, a smaller output swing is used.
3 Only G = 1 V/V is production tested.
4 IWB means wire break current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com