Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4254ACPZ-R7
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4254ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4254ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Zero Drift, High Voltage, Low Power,
Programmable Gain Instrumentation
Amplifier
Data Sheet
ADA4254
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Optimized for ADC synchronization
Low power: 22 mW (±12 V supplies)
12 binary gain steps from 1/16 V/V to 128 V/V
3 scaling gains: 1 V/V, 1.25 V/V, and 1.375 V/V
±60 V protected input multiplexer
Excellent dc precision
Low input offset voltage: ±14 μV maximum
Low input offset voltage drift: ±0.08 μV/°C maximum
Gain calibration via ROM
Low gain drift: ±1 ppm/°C maximum
High CMRR: 116 dB minimum, G = 1 V/V
Low input bias current: ±1.5 nA maximum
High input impedance
Integrated input EMI filtering
Wide input supply range: ±5 V to ±28 V
Dedicated output amplifier supplies
7 GPIO ports with special functions
Sequential chip select mode
External multiplexer control
Excitation current sources
SPI port with checksum (CRC) support
Internal fault detection
Wire break test currents
On-chip test multiplexer
28-lead, 5 mm × 5 mm LFCSP, 24-lead TSSOP
Specified temperature range: −40°C to +105°C
APPLICATIONS
Universal process control front ends
Data acquisition systems
Test and measurement systems
GENERAL DESCRIPTION
The ADA4254 is a zero drift, high voltage, low power
programmable gain instrumentation amplifier (PGIA) designed
for process control and industrial applications. The ADA4254
features 12 binary weighted gains ranging from 1/16 V/V to
128 V/V and three scaling gain options of 1 V/V, 1.25 V/V, and
1.375 V/V, resulting in 36 possible gain settings. The power
consumption of the ADA4254 is a mere 22 mW, making the
device an excellent choice for industrial systems that demand
precision, robustness, and low power.
The zero drift amplifier topology of the ADA4254 self calibrates
dc errors and low frequency 1/f noise, achieving excellent dc
precision over the entire specified temperature range. This high
level of precision maximizes dynamic range and greatly reduces
calibration requirements in many applications.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
ADA4254
+IN1
–IN1
IOUT_HV
IOUT_LV
+IN2
–IN2
EXCITATION
CURRENTS
RIN
ROUT
ROUT
AVDD
–OUT
+
–
+
+
–
–
+
–
VOCM
+OUT
AVSS
VDDH
VSSH
DIGITAL CONTROL
7 × GPIO
SPI INTERFACE
DVDD
DVSS
Figure 1.
The input multiplexer provides ±60 V protection to the high
impedance inputs of the amplifier, while providing the
capability to switch between two input sources. In addition,
integrated electromagnetic interference (EMI) filters block
harsh RF noise from the sensitive inputs of the amplifier.
Various safety features on the ADA4254 detect both internal
and external faults. The serial port interface (SPI) supports
cyclical redundancy check (CRC) error detection to ensure
robust communication. These safety features ease system safety
integrity level (SIL) certification.
Seven general-purpose input/output (GPIO) pins, which can be
configured to provide various special functions, are included in
the ADA4254. An excitation current source output is available
to bias sensors such as resistance temperature detectors (RTDs).
The ADA4254 is specified over the −40°C to +105°C temperature
range and is offered in a compact 5 mm × 5 mm, 28-lead LFCSP
and a 24-lead TSSOP.
COMPANION PRODUCTS
ADCs: AD4007, AD7768, AD7175-2
ADC Drivers: ADA4945-1, LTC6363
Voltage References: ADR4550, ADR3450, LT6656


Similar Part No. - ADA4254ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4254 AD-ADA4254 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results

Similar Description - ADA4254ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
7/2021-Revision 0
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com